Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 5 Page - STMicroelectronics

  STM32H7A3IIK Datasheet HTML 1Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 2Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 3Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 4Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 5Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 6Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 7Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 8Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
2
Description
STM32H7A3xI/G devices are based on the high-performance Arm® Cortex®-M7 32-bit RISC core operating at
up to 280 MHz. The Cortex® -M7 core features a floating point unit (FPU) which supports Arm® double-precision
(IEEE 754 compliant) and single-precision data-processing instructions and data types. STM32H7A3xI/G devices
support a full set of DSP instructions and a memory protection unit (MPU) to enhance application security.
STM32H7A3xI/G devices incorporate high-speed embedded memories with a dual-bank flash memory of up
to 2 Mbytes, around 1.4 Mbyte of RAM (including 192 Kbytes of TCM RAM, 1.18 Mbytes of user SRAM and
4 Kbytes of backup SRAM), as well as an extensive range of enhanced I/Os and peripherals connected to four
APB buses, three AHB buses, a 32-bit multi-AHB bus matrix and a multi layer AXI interconnect supporting internal
and external memory access.
All the devices offer two ADCs, two DACs (one dual and one single DAC), two ultra-low power comparators, a
low-power RTC, 12 general-purpose 16-bit timers, two PWM timers for motor control, three low-power timers, a
true random number generator (RNG). The devices support nine digital filters for external sigma delta modulators
(DFSDM). They also feature standard and advanced communication interfaces.
•
Standard peripherals
–
Four I2Cs
–
Five USARTs, five UARTs and one LPUART
–
Six SPIs, four I2Ss in full-duplex mode. To achieve audio class accuracy, the I2S peripherals can be
clocked via a dedicated internal audio PLL or via an external clock to allow synchronization.
–
Two SAI serial audio interfaces, out of which one with PDM
–
One SPDIFRX interface
–
One single wire protocol master interface (SWPMI)
–
One 16-bit parallel synchronous slave interface (PSSI) sharing the same interface as the digital
camera)
–
Management Data Input/Output (MDIO) slaves
–
Two SDMMC interfaces (one can be supplied from a supply voltage separate from that of all other I/Os)
–
A USB OTG high-speed with full-speed capability (with the ULPI)
–
One FDCAN plus one TT-CAN interface
–
Chrom-ART Accelerator
–
HDMI-CEC
•
Advanced peripherals including
–
A flexible memory control (FMC) interface
–
Two octo-SPI memory interface
–
A digital camera interface for CMOS sensors (DCMI)
–
A graphic memory management unit (GFXMMU)
–
An LCD-TFT display controller (LTDC)
–
A JPEG hardware compressor/decompressor
Refer to Table 1. STM32H7A3xI/G features and peripheral counts for the list of peripherals available on each part
number.
STM32H7A3xI/G devices operate in the –40 to +85 °C ambient temperature range from a 1.62 to 3.6 V
power supply. The supply voltage can drop down to 1.62 V by using an external power supervisor (see
Section 3.5.2 Power supply supervisor) and connecting the PDR_ON pin to VSS. Otherwise the supply voltage
must stay above 1.71 V with the embedded power voltage detector enabled.
The USB OTG_HS/FS interfaces can be supplied either by the integrated USB regulator or through a separate
supply input.
A dedicated supply input is available for one of the SDMMC interface for package with more than 100 pins. It
allows running from a different voltage level than all other I/Os.
A comprehensive set of power-saving mode allows the design of low-power applications.
The CPU and domain states can be directly monitored on some GPIOs configured as alternate functions.
STM32H7A3xI/G devices are offers in several packages ranging from 64 pins to 225 pins/balls. The set of
included peripherals changes with the device chosen.
These features make the STM32H7A3xI/G microcontrollers suitable for a wide range of applications:
STM32H7A3xI/G
Description
DS13195 - Rev 8
page 5/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com