Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 13Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 14Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 15Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 16Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 17Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 18Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 19Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 20Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 237 page
background image
3.7
Reset and clock controller (RCC)
The clock and reset controller is located in the SRD domain. The RCC manages the generation of all the clocks,
as well as the clock gating and the control of the system and peripheral resets. It provides a high flexibility in the
choice of clock sources and allows to apply clock ratios to improve the power consumption. In addition, on some
communication peripherals that are capable to work with two different clock domains (either a bus interface clock
or a kernel peripheral clock), the system frequency can be changed without modifying the baud rate.
3.7.1
Clock management
The devices embed four internal oscillators, two oscillators with external crystal or resonator, two internal
oscillators with fast startup time and three PLLs.
The RCC receives the following clock source inputs:
•
Internal oscillators:
–
64 MHz HSI clock (1% accuracy)
–
48 MHz RC oscillator
–
4 MHz CSI clock
–
32 kHz LSI clock
•
External oscillators:
–
4-50 MHz HSE clock
–
32.768 kHz LSE clock
The RCC provides three PLLs: one for system clock, two for kernel clocks.
The system starts on the HSI clock. The user application can then select the clock configuration.
A high precision can be achieved for the 48 MHz clock by using the embedded clock recovery system (CRS). It
uses the USB SOF signal, the LSE or an external signal (SYNC) to fine tune the oscillator frequency on-the- fly.
3.7.2
System reset sources
Power-on reset initializes all registers while system reset reinitializes the system except for the debug, part of the
RCC and power controller status registers, as well as the backup power domain.
A system reset is generated in the following cases:
•
Power-on reset (pwr_por_rst)
•
Brownout reset
•
Low level on NRST pin (external reset)
•
Window watchdog
•
Independent watchdog
•
Software reset
•
Low-power mode security reset
•
Exit from Standby
3.8
General-purpose input/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain, with or without pull-up
or pull-down), as input (floating, with or without pull-up or pull-down) or as peripheral alternate function. Most of
the GPIO pins are shared with digital or analog alternate functions. All GPIOs are high-current-capable and have
speed selection to better manage internal noise, power consumption and electromagnetic emission.
After reset, all GPIOs are in Analog mode to reduce power consumption.
The I/O configuration can be locked if needed by following a specific sequence in order to avoid spurious writing
to the I/Os registers.
To maximize the performance, the I/O high-speed feature, HSLV, must be activated at low device supply voltage.
This is needed to achieve the performance required for peripherals such as the SDMMC, FMC and OCTOSPI.
The GPIOs are divided into four groups which can be optimized separately (refer to the description of HSLVx bits
of SYSCFG_CCCSR register in RM0455).
The I/O high-speed feature must be used only when VDD is lower than 2.7 V, and both the HSLV user option bits
(VDDIO_HSLV and VDDMMC_HSLV) and HSLVx bits must be set to enable it (refer to RM0455 for details).
STM32H7A3xI/G
Reset and clock controller (RCC)
DS13195 - Rev 8
page 17/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com