Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 11Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 12Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 13Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 14Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 15Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 16Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 17Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 18Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 237 page
background image
3.5.2
Power supply supervisor
The devices have an integrated power-on reset (POR)/ power-down reset (PDR) circuitry coupled with a
Brownout reset (BOR) circuitry:
•
Power-on reset (POR)
The POR supervisor monitors VDD power supply and compares it to a fixed threshold. The devices remain in
reset mode when VDD is below this threshold,
•
Power-down reset (PDR)
The PDR supervisor monitors VDD power supply. A reset is generated when VDD drops below a fixed
threshold.
The PDR supervisor can be enabled/disabled through PDR_ON pin.
•
Brownout reset (BOR)
The BOR supervisor monitors VDD power supply. Three BOR thresholds (from 2.1 to 2.7 V) can be
configured through option bytes. A reset is generated when VDD drops below this threshold.
•
Programmable voltage detector (PVD)
The PVD monitors the VDD power supply by comparing it with a threshold selected from a set of predefined
values.
It can also monitor the voltage level of the PVD_IN pin by comparing it with an internal VREFINT voltage
reference level.
•
Analog voltage detector (AVD)
The AVD monitors the VDDA power supply by comparing it with a threshold selected from a set of predefined
values.
•
VBAT threshold
The VBAT battery voltage level can be monitored by comparing it with two thresholds levels.
•
Temperature threshold
A dedicated temperature sensor monitors the junction temperature and compare it with two threshold levels.
3.5.3
Voltage regulator
The same voltage regulator supplies the two power domains (CD and SRD). The CD domain can be
independently switched off.
Voltage regulator output can be adjusted according to application needs through six power supply levels:
•
Run mode (VOS0 to VOS3)
–
Scale 0 and scale 1: high performance
–
Scale 2: medium performance and consumption
–
Scale 3: optimized performance and low-power consumption
•
Stop mode (SVOS3 to SVOS5)
–
Scale 3: peripheral with wakeup from stop mode capabilities (UART, SPI, I2C, LPTIM) are operational
–
Scale 4 and 5 where the peripheral with wakeup from Stop mode is disabled
The peripheral functionality is disabled but wakeup from Stop mode is possible through GPIO or
asynchronous interrupt.
3.5.4
SMPS step-down converter
The built-in SMPS step-down converter is a highly power-efficient DC/DC non-linear switching regulator that
provides lower power consumption than a conventional voltage regulator (LDO).
The step-down converter can be used to:
•
Directly supply the VCORE domain
–
the SMPS step-down converter operating modes follow the device system operating modes (Run,
Stop, Standby).
–
the SMPS step-down converter output voltage are set according to the selected VOS and SVOS bits
(voltage scaling)
STM32H7A3xI/G
Power supply management
DS13195 - Rev 8
page 15/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com