Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 75Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 76Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 77Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 78Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 79Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 80Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 81Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 82Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 237 page
background image
6.1.6
Power supply scheme
Figure 21. Power supply scheme
VDD
VDD50USB
VREF-
VSSA
VSS
Analog domain
Core domain
Backup
domain
LDO
Voltage
regulator
Power switch
VDDLDO
VDDSMPS
VLXSMPS
VSSSMPS
VFBSMPS
VBAT
VDDA
VREF+
VDD
USB regulator
VCAP1/2
VDDMMC
PDR_ON
POR/PDR
100 nF
1 μF
100 nF
1 μF
1 μF
1 μF
100 nF
47W
VDDA
Three different possible use cases
VREF+
100 nF
1 μF
1 μF
5V
Two different possible use cases
3.3V
Battery
100 nF(1)
VDD
100 nF(1)
4.7 μF
VDD
100 nF
100
nF
1 μF
Two different possible use cases
VDDMMC
Two different possible use cases
100nF
100 nF(1)
2.2 μF
LDO enabled
LDO disabled
VCAP3
SMPS enabled
SMPS disabled
4.7 μF
100 pF or 200 pF
4.7 μF
4.7 μ F
10 μF
VDDSMPS
2.2 μH
VDDMMC
IOs
BKUP
IOs
VDD
IOs
VDD
domain
Two different possible use cases
4.7 μF
USB FS
IOs
SMPS
Switched Mode
Power Supply
step down
converter
Defines different use case options
Define power domaines
VDD33USB
STM32H7A3xI/G
Parameter conditions
DS13195 - Rev 8
page 79/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com