Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 7Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 8Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 9Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 10Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 11Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 12Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 13Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 14Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 237 page
background image
Figure 1. STM32H7A3xI/G block diagram
TT-FDCAN1
FDCAN2
I2C1/SMBUS
I2C2/SMBUS
I2C3/SMBUS
AXI/AHB12 (280 MHz)
TX, RX
SCL, SDA, SMBAL as AF
MDMA
PK[7:0]
SCL, SDA, SMBAL as AF
SCL, SDA, SMBAL as AF
MOSI, MISO, SCK, SS /
SDO, SDI, CK, WS, MCK, as AF
TX, RX
RX, TX as AF
RX, TX as AF
RX, TX, SCK
CTS, RTS as AF
RX, TX, SCK, CTS,
RTS as AF
1 channel as AF
smcard
irDA
1 channel as AF
2 channels as AF
4 channels
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
RX, TX as AF
FIFO
LCD-TFT
FIFO
CHROM-ART
(DMA2D)
LCD_R[7:0], LCD_G[7:0],
LCD_B[7:0], LCD_HSYNC,
LCD_VSYNC, LCD_DE, LCD_CLK
HDMI_CEC as AF
SPDIFRX[3:0] as AF
MDC, MDIO
ARM CPU
Cortex-M7
280 MHz
AXIM
AHBP
AHBS
TRACECK
TRACED[3:0]
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
JTAG/SW
ETM
I-Cache
16KB
D-Cache
16KB
I-TCM
64KB
D-TCM
64KB
16 Streams
FIFO
SDMMC1
SDMMC_D[7:0],SDMMC_D[7:3,1]Dir
SDMMC_D0dir, SDMMC_D2dir
CMD, CMDdir, CK, Ckin,
CKio as AF
FIFO
DMA1
FIFOs
8 Stream
DMA2
FIFOs
BDMA1 8ch
for DFSDM
SDMMC2
FIFO
OTG_FS
FIFO
AHB_SRAM1
64 KB
8 Stream
DMA/
PHY
DAC1_OUT2 as AF
16b
AXI/AHB34 (280 MHz)
JPEG
WWDG
PA..J[15:0]
HSYNC, VSYNC, PIXCLK, D[13:0]
32-bit AHB BUS-MATRIX
BDMA2
DMA
Mux2
Up to 20 analog inputs
Some inputs are
common to ADC1&2
VDDA, VSSA
NRESET
WKUP[6:1]
@VDD
RCC
Reset &
Clock
Control
OSC32_IN
OSC32_OUT
VBAT
AWU
VDD12
BBgen + POWER MNGT
OSC_IN
OSC_OUT
RTC_TS
RTC_TAMP[1:3]
RTC_OUT
RTC_REFIN
VDD
VDDMMC
VSS
VCAP, VDDLDO
VDDSMPS, VSSSMPS
VLXSMPS, VFBSMPS
@VDD
@VDD33
@VSW
SUPPLY SUPERVISION
Int
POR
reset
@VDD
WDG_LS_D1
LPTIM1_IN1, LPTIM1_IN2,
LPTIM2_OUT as AF
OPAMPx_VINM
OPAMPx_VINP
OPAMPx_VOUT as AF
SDMMC_
D[7:0],
CMD, CK as AF
SCL, SDA, SMBAL as AF
COMPx_INP, COMPx_INM,
COMPx_OUT as AF
D-TCM
64KB
AHB/APB
384 KB
AXI_SRAM2
FMC
AHB/APB
16b
GPIO PORTA.. J
GPIO PORTK
DFSDM2 1ftr
COMP1&2
LPTIM3_OUT as AF
LPTIM3
I2C4
SPI6/I2S6
RX, TX, CK, CTS, RTS as AF
LPUART1
LPTIM2
Tamper monitor
VREF
SYSCFG
EXTI WKUP
DAP
RNG
DMA
Mux1
To APB1-2
peripherals
AHB_SRAM2
64 KB
AHB/APB
TIM6
16b
TIM7
16b
SWPMI
Digital Temp Sensor
TIM2
32b
TIM3
16b
TIM4
16b
TIM5
32b
TIM12
16b
TIM13
16b
TIM14
16b
USART2
smcard
irDA
USART3
UART4
UART5
UART7
RX, TX as AF
UART8
SPI2/I2S2
SPI3/I2S3
MDIOS
RAM
I/F
CRS
SPIF-RX1
HDMI-CEC
LPTIM1
OPAMP1&2
AHB/
APB
LSE XTAL 32 kHz
RTC
Backup registers
HSE XTAL OSC
4 - 48MHz
HSI RC 64MHz
LSI RC 32kHz
PLL1+PLL2+PLL3
POR/PDR/BOR
PVD
Voltage
regulator
3.3 to 1.2V
LSI
HSI
CSI
HSI48
LPTIM2_OUT as AF
AHB1
DP, DM, ID,
VBUS
32 KB
SRD_SRAM
4 KB
BKP_SRAM
256 KB
AXI_SRAM1
384 KB
AXI_SRAM3
FMC_signals
AHB3 (280 MHz)
Up to 1 MB
Flash(1)
Up to 1 MB
Flash(1)
AHB3
CPU_AHBP
PDCK, DE, RDY, D[15:0]
PSSI
DCMI
HSEM
AHB2
Up to 20 analog inputs
IWDG
DAC2
DAC2_OUT1 as AF
DFSDM_CKOUT,
DFSDM_DATAIN[1:0],
DFSDM_CKIN[1:0]
DAC
DAC1
DAC
DAC1_OUT1 as AF
CSI RC 4MHz
HSI48 RC 48MHz
APB4 140 MHz (max)
AHB4 280 MHz (max)
ADC1
ADC2
SD, SCK, FS, MCLK, PDM_D[3:1],
PDM_CK[2:1] as AF
SAI1/PDM
SD, SCK, FS, MCLK, AF
SAI2
RX, TX as AF
UART9
irDA USART1
smcard
smcard
RX, TX, SCK,
CTS, RTS as AF
irDA USART6
DFSDM_CKOUT,
DFSDM_DATAIN[7:0],
DFSDM_CKIN[7:0]
DFSDM1 8ftrs
SPI/I2S1
SPI4
MOSI, MISO, SCK, SS as AF
SPI5
1 compl. chan.(TIM17_CH1N),
1 chan. (TIM17_CH1, BKIN as AF
TIM17
1 compl. chan.(TIM16_CH1N),
1 chan. (TIM16_CH1, BKIN as AF
TIM16
2 compl. chan.(TIM15_CH1[1:2]N),
2 chan. (TIM_CH15[1:2], BKIN as AF
TIM15
smcard
RX, TX, SCK,
CTS, RTS as AF
irDA USART10
RX, TX, SCK,
CTS, RTS as AF
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM1_CH1[1:4]ETR, BKIN as AF
TIM1/PWM
TIM8/PWM 16b
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM1_CH1[1:4]ETR, BKIN as AF
CRC
DB-SDMMC1
DB-OCTOSPI1
DB-OCTOSPI2
MCO1
MCO2
DB-SDMMC2
16b
16b
16b
16b
16b
MOSI, MISO, SCK, SS /
SDO, SDI, CK, WS, MCK, as AF
MOSI, MISO, SCK, SS /
SDO, SDI, CK, WS, MCK, as AF
MOSI, MISO, SCK, SS /
SDO, SDI, CK, WS, MCK, as AF
MOSI, MISO, SCK, SS as AF
SMPS
Step-down
converter
USB regulator
VDD50USB
VDD33USB
Vref internal
VREF+
Vbat charging
VDD
SYNC
Analog Temp Sensor
Temp
Monitor
OCTOSPI1_signals
OCTOSPI2_signals
AHB2 280 MHz (max)
32-bit AHB BUS-MATRIX
AHB1 280 MHz (max)
1.
STM32H7AxGx devices feature two Flash memory banks of 512 Kbytes each.
STM32H7A3xI/G
DS13195 - Rev 8
page 11/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com