Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 32Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 33Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 34Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 35Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 36Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 37Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 38Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 39Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 237 page
background image
Figure 5. LQFP100 (STM32H7A3xI/G with SMPS) pinout
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
PE2
1
75
VDD
2
74
VDDLDO
PE4
3
73
VCAP
PE5
4
72
PA13
VDD
5
71
PA12
VBAT
6
70
PA11
PC13
7
69
PA10
PC14-OSC32_ON
8
68
PA9
PC15-OSC32_OUT
9
67
PA8
VDDSMPS
10
66
PC9
VFBSMPS
11
65
PC8
PH0-OSC_IN
12
64
PC7
13
63
PC6
NRST
14
62
PD15
PC0
15
61
PD14
PC1
16
60
PD13
PC2_C
17
59
PD12
PC3_C
18
58
PD11
VSSA
19
57
PD10
VREF+
20
56
PD9
VDDA
21
55
PD8
PA0
22
54
PB15
23
53
24
52
25
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PH1-OSC_OUT
LQFP100
VSS
VDD
VSS
VDD
VSS
VLXSMPS
VSSMPS
1.
The above figure shows the package top view.
2.
The devices with SMPS correspond to commercial codes STM32H7A3VIT6Q and STM32H7A3VGT6Q.
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 36/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com