Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 87Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 88Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 89Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 90Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 91Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 92Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 93Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 94Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 237 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vhyst_BOR_PVD
Hysteresis voltage of BOR
Hysteresis in Run mode
-
100
-
mV
IDD_BOR_PVD(1)
BOR and PVD consumption from VDD
-
-
-
0.630
µA
IDD_POR_PDR
POR and PDR consumption from VDD
-
0.8
-
1.2
VAVM_0
Analog voltage detector for VDDA threshold 0
Rising edge
1.66 1.71
1.76
V
Falling edge
1.56 1.61
1.66
VAVM_1
Analog voltage detector for VDDA threshold 1
Rising edge
2.06 2.12
2.19
Falling edge
1.96 2.02
2.08
VAVM_2
Analog voltage detector for VDDA threshold 2
Rising edge
2.42 2.50
2.58
Falling edge
2.35 2.42
2.49
VAVM_3
Analog voltage detector for VDDA threshold 3
Rising edge
2.74 2.83
2.91
Falling edge
2.64 2.72
2.80
Vhyst_VDDA
Hysteresis of VDDA voltage detector
-
-
100
-
mV
IDD_PVM
PVM consumption from VDD(1)
-
-
-
0.25
µA
IDD_VDDA
Voltage detector consumption on VDDA(1)
Resistor bridge
-
-
2.5
µA
1. Guaranteed by design.
6.3.6
Embedded reference voltage
The parameters given in Table 30 are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 22. General operating conditions.
Table 30. Embedded reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltages
−40 °C < TJ < 130 °C
1.180 1.216 1.255
V
tS_vrefint(2)(3)
ADC sampling time when reading the internal
reference voltage
-
4.3
-
-
µs
tS_vbat(3)
VBAT sampling time when reading the internal
VBAT reference voltage
-
9
-
-
tstart_vrefint(3)
Start time of reference voltage buffer when
ADC is enable
-
-
-
4.4
µs
Irefbuf(3)
Reference Buffer consumption for ADC
VDD = 3.3 V
9
13.5
23
µA
ΔVREFINT(3)
Internal reference voltage spread over the
temperature range
−40 °C < TJ < 130 °C
-
5
15
mV
Tcoeff
Average temperature coefficient
Average temperature
coefficient
-
20
70
ppm/°C
VDDcoeff
Average Voltage coefficient
3.0 V < VDD < 3.6 V
-
10
1370
ppm/V
VREFINT_DIV1
1/4 reference voltage
-
-
25
-
% VREFINT
VREFINT_DIV2
1/2 reference voltage
-
-
50
-
VREFINT_DIV3
3/4 reference voltage
-
-
75
-
1. Guaranteed by design and tested in production at 3.3 V
2. The shortest sampling time for the application can be determined by multiple iterations.
3. Guaranteed by design.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 91/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com