Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 26Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 27Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 28Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 29Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 30Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 31Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 32Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 33Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 237 page
background image
USART modes/features
USART1/2/3/6/10
UART4/5/7/8/9
LIN mode
X
X
Dual clock domain and wakeup from low power mode
X
X
Receiver timeout interrupt
X
X
Modbus communication
X
X
Auto baud rate detection
X
X
Driver Enable
X
X
USART data length
7, 8 and 9 bits
Tx/Rx FIFO
X
X
Tx/Rx FIFO size
16
3.37
Low-power universal asynchronous receiver transmitter (LPUART)
The device embeds one Low-power UART (LPUART1). The LPUART supports asynchronous serial
communication with minimum power consumption. It supports half duplex single wire communication and modem
operations (CTS/RTS). It allows multiprocessor communication.
The LPUART embeds a Transmit FIFO (TXFIFO) and a Receive FIFO (RXFIFO). FIFO mode is enabled by
software and is disabled by default.
The LPUART has a clock domain independent from the CPU clock, and can wakeup the system from Stop mode.
The wakeup from Stop mode are programmable and can be done on:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
•
Specific TXFIFO/RXFIFO status when FIFO mode is enabled.
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even
in Stop mode, the LPUART can wait for an incoming frame while having an extremely low energy consumption.
Higher speed clock can be used to reach higher baud rates.
LPUART interface can be served by the DMA controller.
3.38
Serial peripheral interfaces (SPI)/integrated interchip sound interfaces (I2S)
The devices feature up to six SPIs (SPI1/I2S1, SPI2/I2S2, SPI3/I2S3, SPI6/I2S6 and SPI4, SPI5) that allow
communicating up to 125 Mbits/s in master and slave modes, in half-duplex, full-duplex and simplex modes. The
3-bit prescaler gives 8 master mode frequencies and the frame is configurable from 4 to 32 bits for SPI1/I2S1,
SPI2/I2S2, SPI3/I2S3, from 4 to 16 bits for the others. All SPI interfaces support SS pulse mode, TI mode,
Hardware CRC calculation, and 16x 8-bit embedded Rx and Tx FIFOs (SPI1/I2S1, SPI2/I2S2, SPI3/I2S3) or 8x
8-bit embedded Rx and Tx FIFOs (SPI4, SPI5, SPI6/I2S6), all with DMA capability. .
Four standard I2S interfaces (multiplexed with SPI1, SPI2, SPI3, SPI6) are available. They can be operated in
master or slave mode, in simplex communication modes, and can be configured to operate with a 16-/32-bit
resolution as an input or output channel. Audio sampling frequencies from 8 kHz up to 192 kHz are supported.
When one or all I2S interfaces is/are configured in master mode, the master clock can be output to the external
DAC/codec at 256 times the sampling frequency. All I2S interfaces support 16x 8-bit embedded Rx and Tx FIFOs
with DMA capability.
3.39
Serial audio interfaces (SAI)
The devices embed two SAIs (SAI1, SAI2) that allow designing many stereo or mono audio protocols such as
I2S, LSB or MSB-justified, PCM/DSP, TDM or AC’97. An SPDIF output is available when the audio block is
configured as a transmitter. To bring this level of flexibility and reconfigurability, the SAI contains two independent
audio sub-blocks. Each block has it own clock generator and I/O line controller.
Audio sampling frequencies up to 192 kHz are supported.
One of the SAI supports up to 8 microphones thanks to an embedded PDM interface.
STM32H7A3xI/G
Low-power universal asynchronous receiver transmitter (LPUART)
DS13195 - Rev 8
page 30/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com