Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 12Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 13Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 14Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 15Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 16Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 17Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 18Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 19Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 237 page
background image
•
Provide intermediate voltage level to supply the internal voltage regulator (LDO)
–
The SMPS step-down converter operating modes follow the device system operating modes (Run,
Stop, Standby).
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the selected step-down level
•
Provide an external supply
–
The SMPS step-down converter is forced to external operating mode
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the selected step-down level
The 1.8 V or 2.5 V SMPS step-down converter output voltage imposes a minimum VDDSMPS supply of 2.5 V or
3.3 V, respectively. It defines indirectly the minimum VDD supply and I/O level.
3.6
Low-power modes
There are several ways to reduce power consumption on STM32H7A3xI/G:
•
Decrease dynamic power consumption by slowing down the system clocks even in Run mode and
individually clock gating the peripherals that are not used.
•
Save power consumption when the CPU is idle, by selecting among the available low-power mode
according to the user application needs. This allows achieving the best compromise between short startup
time, low-power consumption, as well as available wakeup sources.
The devices feature several low-power modes:
•
System Run with CSleep (CPU clock stopped)
•
Autonomous with CD domain in DStop (CPU and CPU Domain bus matrix clocks stopped)
•
Autonomous with CD domain in DStop2 (CPU and CPU Domain bus matrix clocks stopped, CPU domain in
retention mode)
•
System Stop (SRD domain clocks stopped) and CD domain in DStop (CPU and CPU Domain bus matrix
clocks stopped)
•
System Stop (SRD domain clocks stopped) and CD domain in DStop2 (CPU and CPU Domain bus matrix
clocks stopped, CPU domain in retention mode)
•
Standby (System, CD and SRD domains powered down)
CSleep and CStop low-power modes are entered by the MCU when executing the WFI (Wait for Interrupt) or WFE
(Wait for Event) instructions, or when the SLEEPONEXIT bit of the Cortex®-M7 core is set after returning from an
interrupt service routine.
The CPU domain can enter low-power mode (DStop or DStop2) when the processor, its subsystem and the
peripherals allocated in the domain enter low-power mode.
If part of the domain is not in low-power mode, the domain remains in the current mode.
Finally the system can enter Stop or Standby when all EXTI wakeup sources are cleared and the power domains
are in DStop or DStop2 mode.
Table 2. System vs domain low-power mode
System power mode
CD domain power mode
SRD domain power mode
Run
DRun/DStop/DStop2
DRun
Stop
DStop/DStop2
DStop
Standby
Standby
Standby
Some GPIO pins can be used to monitor CPU and domain power states:
Table 3. Overview of low-power mode monitoring pins
Power state monitoring pins
Description
PWR_CSLEEP
CPU clock OFF
PWR_CSTOP
CPU domain in low-power mode
PWR_NDSTOP2
CPU domain retention mode selection
STM32H7A3xI/G
Low-power modes
DS13195 - Rev 8
page 16/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com