Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 96Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 97Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 98Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 99Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 100Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 101Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 102Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 103Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 237 page
background image
•
with all peripherals clocked off
•
with only one peripheral clocked on
•
frcc_cpu_ck = 280 MHz (Scale 0), frcc_cpu_ck = 225 MHz (Scale 1), frcc_cpu_ck = 160 MHz (Scale 2), frcc_cpu_ck
= 88 MHz (Scale 3)
•
The ambient operating temperature is 25 °C and VDD=3.3 V.
Table 44. Peripheral current consumption in Run mode
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
AHB3
MDMA
7.10
6.40
5.90
5.40
µA/MHz
DMA2D
3.00
2.80
2.50
2.30
JPGDEC
4.70
4.40
4.00
3.60
FLITF
20.00
19.00
17.00
15.00
FMC registers
1.30
1.30
1.20
1.10
FMC kernel
10.00
9.30
8.40
7.70
OSPI1 registers
0.50
0.60
0.50
0.50
OSPI1 kernel
2.30
2.20
2.00
1.80
SDMMC1 registers
8.90
8.30
7.60
6.90
SDMMC1 kernel
2.20
2.00
1.80
1.60
OSPI2 registers
0.70
0.70
0.70
0.60
OSPI2 kernel
2.00
1.80
1.60
1.50
IOMNGR
0.30
0.30
0.30
0.30
GFXMMU
2.80
2.70
2.40
2.30
AXISRAM2
5.30
5.00
4.60
4.20
AXISRAM3
5.40
5.10
4.60
4.30
DTCM1
1.10
1.10
1.00
1.00
DTCM2
0.70
0.80
0.70
0.70
ITCM
1.10
1.10
1.00
1.00
AXISRAM1
5.30
5.00
4.60
4.20
Bridge
0.10
0.10
0.10
0.10
AHB1
DMA1
0.90
0.90
0.80
0.70
DMA2
0.90
0.80
0.80
0.70
CRC
0.60
0.60
0.50
0.50
ADC12 registers
5.40
4.90
4.50
4.10
ADC12 kernel
1.10
1.00
0.90
0.80
USB1OTG registers
24.00
22.00
20.00
18.00
USB1OTG kernel
9.50
9.30
9.10
8.80
USB1ULPI
0.10
0.10
0.10
0.10
Bridge
0.10
0.10
0.10
0.10
AHB2
DCMI
5.00
4.60
4.20
3.90
HSEM
0.10
0.10
0.10
0.10
RNG registers
1.50
1.40
1.20
1.10
RNG kernel
10.00
9.70
9.50
9.20
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 100/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com