Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 25Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 26Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 27Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 28Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 29Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 30Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 31Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 32Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 237 page
background image
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Slave and master modes, multimaster capability
–
Standard-mode (Sm), with a bit rate up to 100 kbit/s
–
Fast-mode (Fm), with a bit rate up to 400 kbit/s
–
Fast-mode Plus (Fm+), with a bit rate up to 1 Mbit/s and 20 mA output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Optional clock stretching
•
System management bus (SMBus) specification rev 2.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK control
–
Address resolution protocol (ARP) support
–
SMBus alert
•
Power system management protocol (PMBus®) specification rev 1.1 compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent from the PCLK reprogramming.
•
Wakeup from Stop mode on address match
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.36
Universal synchronous/asynchronous receiver transmitter (USART)
The STM32H7A3xI/G devices have five embedded universal synchronous receiver transmitters (USART1,
USART2, USART3, USART6 and USART10) and five universal asynchronous receiver transmitters (UART4,
UART5, UART7, UART8 and UART9). Refer to the table below for a summary of USARTx and UARTx features.
These interfaces provide asynchronous communication, IrDA SIR ENDEC support, multiprocessor
communication mode, single-wire half-duplex communication mode and have LIN Master/Slave capability. They
provide hardware management of the CTS and RTS signals, and RS485 Driver Enable. They are able to
communicate at speeds of up to 10Mbit/s.
USART1, USART2, USART3, USART6 and USART10 also provide Smartcard mode (ISO 7816 compliant) and
SPI-like communication capability.
The USARTs embed a Transmit FIFO (TXFIFO) and a Receive FIFO (RXFIFO). FIFO mode is enabled by
software and is disabled by default.
All USART have a clock domain independent from the CPU clock, allowing the USARTx to wake up the MCU
from Stop mode.The wakeup from Stop mode are programmable and can be done on:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
•
Specific TXFIFO/RXFIFO status when FIFO mode is enabled.
All USART interfaces can be served by the DMA controller.
Table 5. USART features
X = supported.
USART modes/features
USART1/2/3/6/10
UART4/5/7/8/9
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode (Master/Slave)
X
-
Smartcard mode
X
-
Single-wire Half-duplex communication
X
X
IrDA SIR ENDEC block
X
X
STM32H7A3xI/G
Universal synchronous/asynchronous receiver transmitter (USART)
DS13195 - Rev 8
page 29/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com