Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 27Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 28Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 29Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 30Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 31Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 32Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 33Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 34Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 237 page
background image
The SAI can work in master or slave configuration. The audio sub-blocks can be either receiver or transmitter and
can work synchronously or asynchronously (with respect to the other one). The SAI can be connected with other
SAIs to work synchronously.
3.40
SPDIFRX receiver interface (SPDIFRX)
The SPDIFRX peripheral is designed to receive an S/PDIF flow compliant with IEC-60958 and IEC-61937. These
standards support simple stereo streams up to high sample rate, and compressed multi-channel surround sound,
such as those defined by Dolby or DTS (up to 5.1).
The main SPDIFRX features are the following:
•
Up to 4 inputs available
•
Automatic symbol rate detection
•
Maximum symbol rate: 12.288 MHz
•
Stereo stream from 32 to 192 kHz supported
•
Supports Audio IEC-60958 and IEC-61937, consumer applications
•
Parity bit management
•
Communication using DMA for audio samples
•
Communication using DMA for control and user channel information
•
Interrupt capabilities
The SPDIFRX receiver provides all the necessary features to detect the symbol rate, and decode the incoming
data stream. The user can select the wanted SPDIF input, and when a valid signal will be available, the SPDIFRX
will re-sample the incoming signal, decode the Manchester stream, recognize frames, sub-frames and blocks
elements. It delivers to the CPU decoded data, and associated status flags.
The SPDIFRX also offers a signal named spdif_frame_sync, which toggles at the S/PDIF sub-frame rate that will
be used to compute the exact sample rate for clock drift algorithms.
3.41
Single wire protocol master interface (SWPMI)
The single wire protocol master interface (SWPMI) is the master interface corresponding to the contactless
frontend (CLF) defined in the ETSI TS 102 613 technical specification. The main features are:
•
full-duplex communication mode
•
automatic SWP bus state management (active, suspend, resume)
•
configurable bit rate up to 2 Mbit/s
•
automatic SOF, EOF and CRC handling
SWPMI can be served by the DMA controller.
3.42
Management data input/output (MDIO) slaves
The devices embed an MDIO slave interface it includes the following features:
•
32 MDIO register addresses, each of which is managed using separate input and output data registers:
–
32 x 16-bit firmware read/write, MDIO read-only output data registers
–
32 x 16-bit firmware read-only, MDIO write-only input data registers
•
Configurable slave (port) address
•
Independently maskable interrupts/events:
–
MDIO register write
–
MDIO register read
–
MDIO protocol error
•
Able to operate in and wake up from STOP mode
3.43
SD/SDIO/MMC card host interfaces (SDMMC)
Two SDMMC host interfaces are available. They support MultiMediaCard System Specification version 4.51 in
three different databus modes: 1 bit (default), 4 bits and 8 bits.
One of the SDMMC interface can be supplied through a separate VDDMMC supply. If required, it can thus operate
at a different voltage level than all other I/Os.
STM32H7A3xI/G
SPDIFRX receiver interface (SPDIFRX)
DS13195 - Rev 8
page 31/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com