Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 52Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 53Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 54Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 55Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 56Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 57Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 58Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 59Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
-
M11
-
R14
-
-
-
-
N12
84
N13
PH7
I/O
FT_f
I2C3_SCL,
SPI5_MISO,
FMC_SDCKE1,
DCMI_D9/PSSI_D9,
EVENTOUT
-
-
-
-
-
-
N13
-
P14
-
-
-
-
M12
85
P14
PH8
I/O
FT_fh2
TIM5_ETR,
I2C3_SDA, FMC_D16,
DCMI_HSYNC/
PSSI_DE, LCD_R2,
EVENTOUT
-
-
-
-
-
-
M14
-
N13
-
-
-
-
M13
86
N14
PH9
I/O
FT_h2
TIM12_CH2,
I2C3_SMBA,
FMC_D17, DCMI_D0/
PSSI_D0, LCD_R3,
EVENTOUT
-
-
-
-
-
K9
N14
-
M12
-
-
-
-
L13
87
P15
PH10
I/O
FT_h2
TIM5_CH1,
I2C4_SMBA,
FMC_D18, DCMI_D1/
PSSI_D1, LCD_R4,
EVENTOUT
-
-
-
-
-
L10
M13
-
P15
-
-
-
-
L12
88
N15
PH11
I/O
FT_fh2
TIM5_CH2, I2C4_SCL,
FMC_D19, DCMI_D2/
PSSI_D2, LCD_R5,
EVENTOUT
-
-
-
-
-
K10
N15
-
L11
-
-
-
-
K12
89
M15
PH12
I/O
FT_fh2
TIM5_CH3, I2C4_SDA,
FMC_D20, DCMI_D3/
PSSI_D3, LCD_R6,
EVENTOUT
-
-
E7
-
-
L12
G10
83
R15
-
-
-
-
H12
90
K10
VSS
S
-
-
-
-
-
-
L3
L13
-
84
-
-
-
-
-
G13
91
K11
VDD
S
-
-
-
48
K8
72
L2
N12
M15
85
N14
33
K8
51
73
P12
92
L13
PB12
I/O
FT_h1
TIM1_BKIN,
OCTOSPIM_P1_NCLK,
I2C2_SMBA,
SPI2_SS/I2S2_WS,
DFSDM1_DATIN1,
USART3_CK,
FDCAN2_RX,
OTG_HS_ULPI_D5,
DFSDM2_DATIN1,
TIM1_BKIN_COMP12,
UART5_RX,
EVENTOUT
-
49
J8
73
K2
L11
L15
86
M13 34
J8
52
74
P13
93
K14
PB13
I/O
FT_h0
TIM1_CH1N,
LPTIM2_OUT,
DFSDM2_CKIN1,
SPI2_SCK/I2S2_CK,
DFSDM1_CKIN1,
USART3_CTS/
USART3_NSS,
FDCAN2_TX,
OTG_HS_ULPI_D6,
SDMMC1_D0,
DCMI_D2/PSSI_D2,
UART5_TX,
EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 56/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com