Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 55Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 56Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 57Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 58Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 59Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 60Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 61Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 62Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
H11
F15
115
G14
-
-
-
90
K13
109
N11
PG5
I/O
FT_h2
TIM1_ETR, FMC_A15/
FMC_BA1, EVENTOUT
-
-
-
86
-
G9
F14
116
G13
-
-
-
91
J15
110
J15
PG6
I/O
FT_h2
TIM17_BKIN,
OCTOSPIM_P1_NCS,
FMC_NE3, DCMI_D12/
PSSI_D12, LCD_R7,
EVENTOUT
-
-
-
87
-
G10
G13
117
G12
-
-
-
92
J14
111
J14
PG7
I/O
FT_h2
SAI1_MCLK_A,
USART6_CK,
OCTOSPIM_P2_DQS,
FMC_INT, DCMI_D13/
PSSI_D13, LCD_CLK,
EVENTOUT
-
-
-
88
-
G11
G12
118
F15
-
-
-
93
H14
112
H14
PG8
I/O
FT_h2
TIM8_ETR,
SPI6_SS/I2S6_WS,
USART6_RTS,
SPDIFRX1_IN2,
FMC_SDCLK,
LCD_G7, EVENTOUT
-
-
-
89
-
-
J6
119
H9
-
-
-
94
H8
113
G10
VSS
S
-
-
-
-
F7
90
F2
G12
E15
120
D15
-
-
-
-
-
-
-
VDD50USB
S
-
-
-
-
E8
91
F1
G13
F13
121
H11
-
F6
-
95
H13
114
G11
VDD33USB
S
-
-
-
-
-
92
-
-
-
-
G10
-
-
-
-
-
-
-
VDD
S
-
-
-
62
F8
93
F3
F9
E14
122
F14
37
F10
63
96
H15
115
H15
PC6
I/O
FT_h0
TIM3_CH1, TIM8_CH1,
DFSDM1_CKIN3,
I2S2_MCK,
USART6_TX,
SDMMC1_D0DIR,
FMC_NWAIT,
SDMMC2_D6,
SDMMC1_D6,
DCMI_D0/PSSI_D0,
LCD_HSYNC,
EVENTOUT
SWPMI_IO
63
G9
94
E1
F10
D15
123
E15
38
E10
64
97
G15
116
G15
PC7
I/O
FT_h0
TRGIO, TIM3_CH2,
TIM8_CH2,
DFSDM1_DATIN3,
I2S3_MCK,
USART6_RX,
SDMMC1_D123DIR,
FMC_NE1,
SDMMC2_D7,
SWPMI_TX,
SDMMC1_D7,
DCMI_D1/PSSI_D1,
LCD_G6, EVENTOUT
-
64
G10
95
-
F12
D14
124
F13
-
F9
65
98
G14
117
G14
PC8
I/O
FT_h0
TRACED1, TIM3_CH3,
TIM8_CH3,
USART6_CK,
UART5_RTS,
FMC_NE2/FMC_NCE,
FMC_INT, SWPMI_RX,
SDMMC1_D0,
DCMI_D2/PSSI_D2,
EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 59/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com