Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 93Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 94Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 95Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 96Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 97Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 98Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 99Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 100Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 237 page
background image
Table 39. Typical current consumption in Sleep mode, regulator ON
Symbol
Parameter
Conditions
frcc_cpu_ck
(MHz)
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ=
130 °C
IDD(Sleep)
Supply current in
Sleep mode
All peripherals
disabled
VOS0
280
18.1
13.0
23
51
72
115
mA
225
15.0
10.6
20
47
68
112
VOS1
225
13.7
9.3
18
40
57
93
160
10.3
6.8
14
36
53
90
VOS2
160
9.3
5.8
12
30
44
74
88
5.8
3.6
9
26
40
70
VOS3
88
5.2
3.0
8
21
32
57
1. Guaranteed by characterization results.
2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converterfor the SMPS maximum current
consumption.
Table 40. Typical current consumption in System Stop mode
Symbol
Parameter
Conditions
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ=
130 °C
IDD(Stop)
Stop, DStop
Flash memory in low- power
mode, memory shut-off disable
SVOS3
Main(3)
0.540
0.487
2.33
14.36
24.52
46.29
mA
SVOS3 LP
0.495
0.193
2.27
14.21
24.28
45.94
SVOS4
0.370
0.137
1.59
10.58
18.52
35.90
SVOS5
0.245
0.090
0.98
7.18
13.10
26.61
Flash memory in normal mode,
memory shut-off disable
SVOS3
Main(3)
0.560
0.504
2.39
14.62
24.93
47.01
SVOS3 LP
0.515
0.209
2.33
14.47
24.69
46.65
SVOS4
0.390
0.153
1.65
10.84
18.93
36.62
SVOS5
0.245
0.090
1.04
7.43
13.51
27.32
Flash memory in low- power
mode, memory shut-off enable
SVOS3
Main(3)
0.530
0.481
2.31
14.23
24.27
45.71
SVOS3 LP
0.480
0.186
2.25
14.09
24.04
45.36
SVOS4
0.360
0.134
1.57
10.49
18.32
35.41
SVOS5
0.230
0.085
0.96
6.95
12.59
25.26
Flash memory in normal mode,
memory shut-off enable
SVOS3
Main(3)
0.550
0.498
2.37
14.50
24.68
46.43
SVOS3 LP
0.500
0.204
2.31
14.35
24.45
46.07
SVOS4
0.380
0.151
1.63
10.75
18.73
36.13
SVOS5
0.230
0.085
1.02
7.21
13.00
25.97
Stop, DStop2
Flash memory in low- power
mode, memory shut-off disable
SVOS3
Main(3)
0.161
0.343
0.32
1.67
2.86
5.58
SVOS3 LP
0.115
0.046
0.28
1.62
2.80
5.50
SVOS4
0.095
0.037
0.20
1.23
2.19
4.43
SVOS5
0.090
0.032
0.14
0.93
1.75
3.80
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 97/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com