Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 77Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 78Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 79Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 80Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 81Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 82Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 83Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 84Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 237 page
background image
Symbols
Ratings
Min
Max
Unit
|VSSx−VSS| Variations between all the different ground pins
-
50
mV
1. VIN maximum value must always be respected. Refer to Table 64. I/O current injection susceptibility for the maximum
allowed injected current values.
2. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
3. This formula has to be applied on power supplies related to the I/O structure described by the pin definition table.
Table 20. Current characteristics
Symbols
Ratings
Max
Unit
ΣIVDD
Total current into sum of all VDD power lines (source)(1)
620
mA
ΣIVSS
Total current out of sum of all VSS ground lines (sink)(1)
620
IVDD
Maximum current into each VDD power pin (source)(1)
100
IVSS
Maximum current out of each VSS ground pin (sink)(1)
100
IIO
Output current sunk or sourced by any I/O and control pin
20
Output current sunk or sourced by Pxy_C pin
1
ΣI(PIN)
Total output current sunk by sum of all I/Os and control pins(2)
140
Total output current sourced by sum of all I/Os and control pins(2)
140
IINJ(PIN)(3)(4)
Injected current on FT_xxx, TT_xx, RST and B pins except PA4, PA5
−5/+0
Injected current on PA4, PA5
−0/0
ΣIINJ(PIN)
Total injected current (sum of all I/Os and control pins)(5)
±25
1. All main power (VDD, VDDA, VDDSMPS, VDDLDO, VDD33USB, VDDMMC) and ground (VSS, VSSA) pins must always be
connected to the external power supplies, in the permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count QFP packages.
3. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer also to Table 19. Voltage characteristics for the maximum allowed input voltage values.
4. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
5. When several inputs are submitted to a current injection, the maximum ∑IINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 21. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
−65 to +150
°C
TJmax
Maximum junction temperature
130(1)
1. The junction temperature is limited to 105 °C in the VOS0 voltage range.
STM32H7A3xI/G
Absolute maximum ratings
DS13195 - Rev 8
page 81/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com