Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 79Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 80Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 81Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 82Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 83Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 84Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 85Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 86Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 237 page
background image
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit
VCORE
Regulator OFF: external VCORE voltage must be
supplied from external regulator on VCAP pins
VOS0 (max frequency
280 MHz)
V
1.27
1.30
1.33
TA
Ambient temperature for the suffix 6 version
Maximum power
dissipation
–40
-
85
°C
Low-power
dissipation(5)
–40
-
105
TJ
Junction temperature range
VOS0
–40
-
105
°C
VOS3, VOS2, VOS1
–40
-
130
1. When a reset occurs, the functionality is guaranteed down to VPDRmax or to the specified VDDmin when the PDR is
OFF. The PDR can only be switched OFF though the PDR_ON pin that is not available in all packages (refer to
Table 7. STM32H7A3xI/G pin/ball definition)
2. Only for power-up sequence when the SMPS step-down converter is configured to supply the LDO.
3. This formula has to be applied on power supplies related to the I/O structures described by the pin definition table.
4. At startup, the external VCORE voltage must remain higher or equal to 1.10 V before disabling the internal regulator (LDO).
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 7.11 Thermal characteristics).
Table 23. Maximum allowed clock frequencies
Symbol (1)(2)
Parameter
VOS0
VOS1
VOS2
VOS3
Unit
fCPU
CPU
280
225
160
88
MHz
fACLK
AXI
280
225
160
88
fHCLK
AHB
280
225
160
88
fPCLK
APB
140
112.5
80
44
fltdc_ker_ck
LTDC
140
112.5
80
44
ffmc_ker_ck
FMC
280
225
160
88
foctospi_ker_clk
OCTOSPI1/2
280
225
160
88
fsdmmc_ker_ck
SDMMC1/2
280
225
160
88
fDFSDM1_Aclk
DFSDM1
140
112.5
80
44
fDFSDM1_Clk
140
112.5
80
44
fDFSDM2_Aclk
DFSDM2
140
112.5
80
44
fDFSDM2_Clk
140
112.5
80
44
ffdcan_ker_ck
FDCAN
140
112.5
80
44
fcec_ker_ck
HDMI_CEC
66
66
66
44
fI2C_ker_ck
I2C[1:4]
140
112.5
80
44
flptim_ker_ck
LPTIM[1:3]
140
112.5
80
44
frcc_tim_ker_ck
TIM[2:7],TIM[12:14]
280
225
160
88
frcc_tim_ker_ck
PWM1,PWM8,TIM[15:17]
280
225
160
88
frng_clk
RNG
140
112.5
80
44
fsai_a_ker_ck
SAI1
150
150
80
80
fsai_b_ker_ck
fsai_a_ker_ck
SAI2
150
150
80
80
fsai_b_ker_ck
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 83/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com