Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 53Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 54Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 55Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 56Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 57Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 58Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 59Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 60Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
50
K9
74
J3
N13
K15
87
M14 35 H10
53
75
R14
94
R14
PB14
I/O
FT_h0
TIM1_CH2N,
TIM12_CH1,
TIM8_CH2N,
USART1_TX,
SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2,
USART3_RTS,
UART4_RTS,
SDMMC2_D0,
LCD_CLK, EVENTOUT
-
51
K10
75
H4
M13
K14
88
M15 36 G10
54
76
R15
95
R15
PB15
I/O
FT_h0
RTC_REFIN,
TIM1_CH3N,
TIM12_CH2,
TIM8_CH3N,
USART1_RX,
SPI2_MOSI/I2S2_SDO,
DFSDM1_CKIN2,
UART4_CTS,
SDMMC2_D1,
LCD_G7, EVENTOUT
-
52
J9
76
H3
M12
L14
89
L12
-
K9
55
77
P15
96
L15
PD8
I/O
FT_h2
DFSDM1_CKIN3,
USART3_TX,
SPDIFRX1_IN1,
FMC_D13/FMC_DA13,
EVENTOUT
-
53
H8
77
J2
K11
K13
90
N15
-
J9
56
78
P14
97
L14
PD9
I/O
FT_h2
DFSDM1_DATIN3,
USART3_RX,
FMC_D14/FMC_DA14,
EVENTOUT
-
54
J10
78
K1
K12
L13
91
L13
-
H9
57
79
N15
98
K15
PD10
I/O
FT_h2
DFSDM1_CKOUT,
DFSDM2_CKOUT,
USART3_CK,
FMC_D15/FMC_DA15,
LCD_B3, EVENTOUT
-
-
-
79
-
-
-
92
-
-
F4
-
-
-
-
-
VDD
S
-
-
-
-
-
80
-
-
H6
93
-
-
-
-
-
J10
-
-
VSS
S
-
-
-
55
H7
81
G4
J10
J13
94
L14
-
G9
58
80
N14
99
N10
PD11
I/O
FT_h2
LPTIM2_IN2,
I2C4_SMBA,
USART3_CTS/
USART3_NSS,
OCTOSPIM_P1_IO0,
SAI2_SD_A, FMC_A16/
FMC_CLE, EVENTOUT
-
56
H9
82
G3
K13
J15
95
L15
-
K10
59
81
N13
100
M10
PD12
I/O
FT_fh2
LPTIM1_IN1,
TIM4_CH1,
LPTIM2_IN1,
I2C4_SCL,
USART3_RTS,
OCTOSPIM_P1_IO1,
SAI2_FS_A, FMC_A17/
FMC_ALE, DCMI_D12/
PSSI_D12, EVENTOUT
-
57
H10
83
H2
J11
H15
96
K11
-
J10
60
82
M15
101
M11
PD13
I/O
FT_fh2
LPTIM1_OUT,
TIM4_CH2, I2C4_SDA,
OCTOSPIM_P1_IO3,
SAI2_SCK_A,
UART9_RTS,
FMC_A18, DCMI_D13/
PSSI_D13, EVENTOUT
-
58
-
-
-
H12
R1
-
H7
-
-
-
83
J9
102
J10
VSS
S
-
-
-
59
-
-
-
H13
-
-
-
-
-
-
84
J13
103
J11
VDD
S
-
-
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 57/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com