Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 90Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 91Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 92Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 93Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 94Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 95Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 96Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 97Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 237 page
background image
Table 34. Typical and maximum current consumption in Run mode, code with data processing running from ITCM,
regulator ON
Data are in DTCM for best computation performance. In this case, the cache has no influence on consumption.
Symbol
Parameter
Conditions
frcc_cpu_ck
(MHz)
Typ
LDO
Typ
SMPS
Max(1)(2)
unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD
Supply current in
Run mode
All peripherals
disabled
VOS0
280
69.5
34.0
77
106
128
173
mA
225
56.5
27.5
64
92
114
159
VOS1
225
52.0
24.0
58
80
98
136
200
46.5
21.0
52
75
93
130
180
42
19.0
47
70
88
125
168
39
18.0
45
67
85
122
160
37.5
17.0
43
65
83
120
VOS2
160
34.0
14.5
38
56
70
101
144
30.5
13.0
35
52
67
97
88
19.0
8.5
23
41
55
85
VOS3
88
18.0
7.5
21
35
46
71
60
12.5
5.5
16
29
41
66
25
6.0
3.0
9
23
34
59
All peripherals
enabled
VOS0
280
133.5
63.5
142
173
196
242
225
108.0
51.5
115
146
168
214
VOS1
225
99.0
45.0
105
129
147
185
160
71.5
32.5
77
100
118
156
VOS2
160
65.0
27.5
69
87
102
132
88
41.5
17.5
45
63
77
108
VOS3
88
38.0
15.0
41
55
66
91
1. Guaranteed by characterization results, unless otherwise specified.
2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converter for the SMPS maximum current
consumption.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 94/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com