Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 74Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 75Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 76Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 77Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 78Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 79Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 80Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 81Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 237 page
background image
6
Electrical characteristics
6.1
Parameter conditions
Unless otherwise specified, all voltages are referenced to VSS.
6.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst conditions of junction
temperature, supply voltage and frequencies by tests in production on 100% of the devices with an junction
temperature at TJ = 25 °C and TJ = TJmax (given by the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics are indicated in
the table footnotes. Based on characterization, the minimum and maximum values refer to sample tests and
represent the mean value plus or minus three times the standard deviation (mean±3σ).
6.1.2
Typical values
Unless otherwise specified, typical data are based on TJ = 25 °C, VDD = 3.3 V (for the 1.62 V ≤ VDD ≤ 3.6 V
voltage range). They are given only as design guidelines and are not tested.
Typical ADC accuracy values are determined by characterization of a batch of samples from a standard diffusion
lot over the full temperature range, where 95% of the devices have an error less than or equal to the value
indicated (mean±2σ).
6.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are not tested.
6.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 19. Pin loading conditions.
6.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 20. Pin input voltage.
Figure 19. Pin loading conditions
C = 50 pF
MCU pin
Figure 20. Pin input voltage
MCU pin
VIN
STM32H7A3xI/G
Electrical characteristics
DS13195 - Rev 8
page 78/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com