Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 130Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 131Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 132Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 133Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 134Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 135Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 136Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 137Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 237 page
background image
Symbol
Parameter
Min(1)
Max(1)(2)
Unit
td(CLKL-Data)
ns
FMC_D[15:0] valid data after FMC_CLK low
-
3
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
-
2
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
Tfmc_ker_ck + 0.5
-
tsu(NWAIT-CLKH)
FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT)
FMC_NWAIT valid after FMC_CLK high
2
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
NAND controller waveforms and timings
Figure 43 through Figure 46 represent synchronous waveforms, and Table 84 and Table 85 provide the
corresponding timings. The results shown in this table are obtained with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01
•
COM.FMC_WaitSetupTime = 0x03
•
COM.FMC_HoldSetupTime = 0x02
•
COM.FMC_HiZSetupTime = 0x01
•
ATT.FMC_SetupTime = 0x01
•
ATT.FMC_WaitSetupTime = 0x03
•
ATT.FMC_HoldSetupTime = 0x02
•
ATT.FMC_HiZSetupTime = 0x01
•
Bank = FMC_Bank_NAND
•
MemoryDataWidth = FMC_MemoryDataWidth_16b
•
ECC = FMC_ECC_Enable
•
ECCPageSize = FMC_ECCPageSize_512Bytes
•
TCLRSetupTime = 0
•
TARSetupTime = 0
•
Capacitive load CL = 30 pF
In all timing tables, Tfmc_ker_ck is the kernel clock period.
Figure 43. NAND controller waveforms for read access
FMC_NWE
FMC_NOE (NRE)
FMC_D[15:0]
tsu(D-NOE)
th(NOE-D)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 134/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com