Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 105Page - STMicroelectronics STM32H7A3AII Datasheet HTML 106Page - STMicroelectronics STM32H7A3AII Datasheet HTML 107Page - STMicroelectronics STM32H7A3AII Datasheet HTML 108Page - STMicroelectronics STM32H7A3AII Datasheet HTML 109Page - STMicroelectronics STM32H7A3AII Datasheet HTML 110Page - STMicroelectronics STM32H7A3AII Datasheet HTML 111Page - STMicroelectronics STM32H7A3AII Datasheet HTML 112Page - STMicroelectronics STM32H7A3AII Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 237 page
background image
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
Figure 33. Typical application with a 32.768 kHz crystal
STM32
OSC32_OUT
fHSE
CL1
RF
32.768 kHz
resonator
Bias
controlled
gain
OSC32_IN
CL2
Resonator with
integrated capacitors
1.
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden to add one.
6.3.10
Internal clock source characteristics
The parameters given in Table 51. HSI48 oscillator characteristics to Table 54. LSI oscillator characteristics
are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in
Table 22. General operating conditions.
48 MHz high-speed internal RC oscillator (HSI48)
Table 51. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency
VDD = 3.3 V, TJ = 30 °C 47.5(1)
48
48.5(1) MHz
TRIM(2)
User trimming step
-
-
0.175 0.250
%
USER TRIM COVERAGE(3)
User trimming coverage
± 32 steps
±4,70
±5.6
-
%
DuCy(HSI48)(2)
Duty cycle
-
45
-
55
%
ACCHSI48_REL(3)
Accuracy of the HSI48 oscillator over temperature
(reference is 30 °C)
TJ = −40 to 130 °C
−4.5
-
4
%
ΔVDD(HSI48)(2)
HSI48 oscillator frequency drift with VDD (reference is
3.3 V)
VDD = 3 to 3.6 V
-
0.025
0.05
%
VDD = 1.62 to 3.6 V
-
0.05
0.1
tsu(HSI48)(2)
HSI48 oscillator startup time
-
-
2.1
4.0
µs
IDD(HSI48)(2)
HSI48 oscillator power consumption
-
-
350
400
µA
NT jitter(2)
Next transition jitter accumulated jitter on 28 cycles
-
-
± 0.15
-
ns
PT jitter(2)
Paired transition jitter Accumulated jitter on 56 cycles(6)
-
-
± 0.25
-
ns
1. Calibrated during manufacturing tests.
2. Guaranteed by design.
3. Guaranteed by characterization results.
4. ΔfHSI = ACCHSI48_REL + ΔVDD
5. These values are obtained by using the formula: (Freq(3.6 V) − Freq(3.0 V)) / Freq(3.0 V) or (Freq(3.6 V) − Freq(1.62 V)) / Freq(1.62 V).
6. Jitter measurements are performed without clock sources activated in parallel.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 109/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com