Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 109Page - STMicroelectronics STM32H7A3AII Datasheet HTML 110Page - STMicroelectronics STM32H7A3AII Datasheet HTML 111Page - STMicroelectronics STM32H7A3AII Datasheet HTML 112Page - STMicroelectronics STM32H7A3AII Datasheet HTML 113Page - STMicroelectronics STM32H7A3AII Datasheet HTML 114Page - STMicroelectronics STM32H7A3AII Datasheet HTML 115Page - STMicroelectronics STM32H7A3AII Datasheet HTML 116Page - STMicroelectronics STM32H7A3AII Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 237 page
background image
Table 58. Flash memory programming
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
tprog
Word program time
128 bits (user area)
-
-
20
µs
16 bits (OTP area)
-
-
20
tERASE8KB
Sector erase time (8 Kbytes)
-
-
-
2.2
ms
tME
Single-bank mass erase time
-
-
10
Dual-bank mass erase time
-
-
10
Vprog
Programming voltage
1.62
-
3.6
V
1. Guaranteed by characterization results.
Table 59. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
NEND
Endurance
TJ = –40 to +130 °C
10
kcycles
tRET
Data retention
1 kcycle at TA = 85 °C
30
Years
-
10 kcycles at TA = 55 °C
20
1. Guaranteed by characterization results.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 113/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com