Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 108Page - STMicroelectronics STM32H7A3AII Datasheet HTML 109Page - STMicroelectronics STM32H7A3AII Datasheet HTML 110Page - STMicroelectronics STM32H7A3AII Datasheet HTML 111Page - STMicroelectronics STM32H7A3AII Datasheet HTML 112Page - STMicroelectronics STM32H7A3AII Datasheet HTML 113Page - STMicroelectronics STM32H7A3AII Datasheet HTML 114Page - STMicroelectronics STM32H7A3AII Datasheet HTML 115Page - STMicroelectronics STM32H7A3AII Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 237 page
background image
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
IDD(PLL)
PLL power consumption
fVCO_OUT = 128 MHz
VCORE
µA
-
170
-
1. Guaranteed by design, unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation.
3. Guaranteed by characterization results.
Table 56. PLL characteristics (medium VCO frequency range)
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
fPLL_IN
PLL input clock
-
1
-
2
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT
PLL multiplier output clock P, Q, R
VOS0
1.17
-
210
MHz
VOS1
1.17
-
210
VOS2
1.17
-
160(2)
VOS3
1.17
-
88(2)
fVCO_OUT PLL VCO output
-
150
-
420
tLOCK
PLL lock time
Normal mode
-
45
80(3)
µs
Sigma-delta mode
forbidden
Jitter
Cycle-to-cycle jitter
fVCO_OUT = 150 MHz
-
-
60
-
±ps
fVCO_OUT = 200 MHz
-
-
40
-
fVCO_OUT = 400 MHz
-
-
18
-
fVCO_OUT = 420 MHz
-
-
15
-
Period jitter
fVCO_OUT = 150 MHz
fPLL_OUT = 50 MHz
-
75
-
±-ps
fVCO_OUT = 400 MHz
-
25
-
Long term jitter
Normal mode, fVCO_OUT = 400 MHz
-
±0.2
-
%
IDD(PLL)
PLL power consumption on VDD
fVCO_OUT = 420 MHz
VDD
-
275
360
µA
VCORE
-
450
-
fVCO_OUT = 150 MHz
VDD
-
160
240
VCORE
-
165
-
1. Guaranteed by design, unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation.
3. Guaranteed by characterization results.
6.3.12
Memory characteristics
Flash memory
The characteristics are given at TJ = –40 to 130 °C unless otherwise specified.
The devices are shipped to customers with the flash memory erased.
Table 57. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Word program
-
2.5
4
mA
Sector erase
-
1.8
3
Mass erase
-
2.0
3
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 112/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com