Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 158Page - STMicroelectronics STM32H7A3AII Datasheet HTML 159Page - STMicroelectronics STM32H7A3AII Datasheet HTML 160Page - STMicroelectronics STM32H7A3AII Datasheet HTML 161Page - STMicroelectronics STM32H7A3AII Datasheet HTML 162Page - STMicroelectronics STM32H7A3AII Datasheet HTML 163Page - STMicroelectronics STM32H7A3AII Datasheet HTML 164Page - STMicroelectronics STM32H7A3AII Datasheet HTML 165Page - STMicroelectronics STM32H7A3AII Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 237 page
background image
•
Data formats: 14 bits
•
Capacitive load CL=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
Output speed is set to OSPEEDRy[1:0] = 11
•
VOS level set to VOS0
Table 109. DCMI characteristics
Symbol
Parameter
Min(1)
Max(1)
Unit
-
Frequency ratio DCMI_PIXCLK/fHCLK
-
0.4
-
DCMI_PIXCLK
Pixel Clock input
-
80
MHz
Dpixel
Pixel Clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
2.5
-
-
th(DATA)
Data hold time
1
-
tsu(HSYNC),
tsu(VSYNC)
DCMI_HSYNC/ DCMI_VSYNC input setup time
3
-
ns
th(HSYNC),
th(VSYNC)
DCMI_HSYNC/ DCMI_VSYNC input hold time
1
-
-
1. Guaranteed by design.
Figure 61. DCMI timing diagram
DCMI_PIXCLK
tsu(VSYNC)
tsu(HSYNC)
DCMI_HSYNC
DCMI_VSYNC
DATA[0:13]
1/DCMI_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA) th(DATA)
6.3.32
PSSI interface characteristics
Unless otherwise specified, the parameters given in Table 110 and 111for PSSI are derived from tests performed
under the ambient temperature, fHCLK frequency and VDD supply voltage summarized in Table 22. General
operating conditions and Section 6.3.1 , with the following configuration:
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Bus width : 16 lines
•
DATA width : 32 bits
•
Capacitive load C=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
Output speed is set to OSPEEDRy[1:0] = 11
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 162/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com