Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 162Page - STMicroelectronics STM32H7A3AII Datasheet HTML 163Page - STMicroelectronics STM32H7A3AII Datasheet HTML 164Page - STMicroelectronics STM32H7A3AII Datasheet HTML 165Page - STMicroelectronics STM32H7A3AII Datasheet HTML 166Page - STMicroelectronics STM32H7A3AII Datasheet HTML 167Page - STMicroelectronics STM32H7A3AII Datasheet HTML 168Page - STMicroelectronics STM32H7A3AII Datasheet HTML 169Page - STMicroelectronics STM32H7A3AII Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 237 page
background image
Figure 64. LCD-TFT horizontal timing diagram
LCD_CLK
tv(HSYNC)
LCD_HSYNC
LCD_DE
LCD_R[0:7]
LCD_G[0:7]
LCD_B[0:7]
tCLK
LCD_VSYNC
tv(HSYNC)
tv(DE)
th(DE)
Pixel
1
Pixel
2
tv(DATA)
th(DATA)
Pixel
N
HSYNC
width
Horizontal
back porch
Active width
Horizontal
back porch
One line
Figure 65. LCD-TFT vertical timing diagram
LCD_CLK
tv(VSYNC)
LCD_R[0:7]
LCD_G[0:7]
LCD_B[0:7]
tCLK
LCD_VSYNC
tv(VSYNC)
M lines data
VSYNC
width
Vertical
back porch
Active width
One frame
Vertical
back porch
6.3.34
Timer characteristics
The parameters given in Table 113. TIMx characteristics are guaranteed by design.
Refer to Section 6.3.16 I/O port characteristics for details on the input/output alternate function characteristics
(output compare, input capture, external clock, PWM output).
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 166/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com