Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 161Page - STMicroelectronics STM32H7A3AII Datasheet HTML 162Page - STMicroelectronics STM32H7A3AII Datasheet HTML 163Page - STMicroelectronics STM32H7A3AII Datasheet HTML 164Page - STMicroelectronics STM32H7A3AII Datasheet HTML 165Page - STMicroelectronics STM32H7A3AII Datasheet HTML 166Page - STMicroelectronics STM32H7A3AII Datasheet HTML 167Page - STMicroelectronics STM32H7A3AII Datasheet HTML 168Page - STMicroelectronics STM32H7A3AII Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 237 page
background image
6.3.33
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 112 for LCD-TFT are derived from tests performed
under the ambient temperature, fHCLK frequency and VDD supply voltage summarized in Table 22. General
operating conditions and Section 6.3.1 , with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS 0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Table 112. LTDC characteristics
Symbol
Parameter
Conditions
Min
Max(1)
Unit
fCLK
LTDC clock output frequency
2.7 V < VDD < 3.6 V, 20 pF
-
140
MHz
2.7 V < VDD < 3.6 V
-
133
1.62 V < VDD < 3.6 V
-
66.5
DCLK
LTDC clock output duty cycle
-
45
55
%
tw(CLKH), tw(CLKL)
Clock High time, low time
-
tw(CLK)/2−0.5
tw(CLK)/2+0.5
ns
tv(DATA)
Data output valid time
2.7 V < VDD < 3.6 V
-
3.0
1.62 V < VDD < 3.6 V
-
7.5
th(DATA)
Data output hold time
-
0
-
tv(HSYNC), tv(VSYNC), tv(DE)
HSYNC/VSYNC/DE output valid time
2.7 V < VDD < 3.6 V
-
3.0
1.62 V < VDD < 3.6 V
-
7.5
th(HSYNC), th(VSYNC), th(DE)
HSYNC/VSYNC/DE output hold time
-
0
-
1. At VOS1, these values are degraded by up to 5 %.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 165/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com