Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 286 page
background image
Input/Output Ports (I/O)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
150
Freescale Semiconductor
16.4 Port C
Port C is a 2-bit, general-purpose bidirectional I/O port. Port C also has software configurable pullup
devices if configured as an input port.
16.4.1 Port C Data Register
The port C data register (PTC) contains a data latch for each of the two port C pins.
PTC1–PTC0 — Port C Data Bits
These read/write bits are software-programmable. Data direction of each port C pin is under the control
of the corresponding bit in data direction register C. Reset has no effect on port C data.
NOTE
PTC is not available in a 28-pin DIP and SOIC package
16.4.2 Data Direction Register C
Data direction register C (DDRC) determines whether each port C pin is an input or an output. Writing a 1
to a DDRC bit enables the output buffer for the corresponding port C pin; a 0 disables the output buffer.
Table 16-3. Port B Pin Functions
DDRB Bit
PTB Bit
I/O Pin Mode
Accesses to DDRB
Accesses to PTB
Read/Write
Read
Write
0
X(1)
Input, Hi-Z(2)
DDRB5–DDRB0
Pin
PTB5–PTB0(3)
1
X
Output
DDRB5–DDRB0
PTB5–PTB0
PTB5–PTB0
Notes:
1. X = Don’t care
2. Hi-Z = High impedance
3. Writing affects data register, but does not affect input.
Address:
$0002
Bit 7
654321
Bit 0
Read:
000000
PTC1
PTC0
Write:
Reset:
Unaffected by reset
= Unimplemented
Figure 16-9. Port C Data Register (PTC)
Address:
$0006
Bit 7
654321
Bit 0
Read:
000000
DDRC1
DDRC0
Write:
Reset:
00000000
= Unimplemented
Figure 16-10. Data Direction Register C (DDRC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com