Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 28Page - Microchip Technology PIC16C57C Datasheet HTML 29Page - Microchip Technology PIC16C57C Datasheet HTML 30Page - Microchip Technology PIC16C57C Datasheet HTML 31Page - Microchip Technology PIC16C57C Datasheet HTML 32Page - Microchip Technology PIC16C57C Datasheet HTML 33Page - Microchip Technology PIC16C57C Datasheet HTML 34Page - Microchip Technology PIC16C57C Datasheet HTML 35Page - Microchip Technology PIC16C57C Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
PIC16C5X
DS30453E-page 32
Preliminary
 1997-2013 Microchip Technology Inc.
6.5.1
PAGING CONSIDERATIONS –
PIC16C56/CR56, PIC16C57/CR57
AND PIC16C58/CR58
If the Program Counter is pointing to the last address of
a selected memory page, when it increments it will
cause the program to continue in the next higher page.
However, the page preselect bits in the STATUS Reg-
ister will not be updated. Therefore, the next GOTO,
CALL
or modify PCL instruction will send the program
to the page specified by the page preselect bits (PA0 or
PA<1:0>).
For example, a NOP at location 1FFh (page 0) incre-
ments the PC to 200h (page 1). A GOTO xxx at 200h
will return the program to address xxh on page 0
(assuming that PA<1:0> are clear).
To prevent this, the page preselect bits must be
updated under program control.
6.5.2
EFFECTS OF RESET
The Program Counter is set upon a RESET, which
means that the PC addresses the last location in the
last page (i.e., the RESET vector).
The STATUS Register page preselect bits are cleared
upon a RESET, which means that page 0 is pre-
selected.
Therefore, upon a RESET, a GOTO instruction at the
RESET vector location will automatically cause the pro-
gram to jump to page 0.
6.6
Stack
PIC16C5X devices have a 10-bit or 11-bit wide, two-
level hardware push/pop stack.
A CALL instruction will push the current value of stack
1 into stack 2 and then push the current program coun-
ter value, incremented by one, into stack level 1. If
more than two sequential CALL’s are executed, only
the most recent two return addresses are stored.
A RETLW instruction will pop the contents of stack level
1 into the program counter and then copy stack level 2
contents into level 1. If more than two sequential
RETLW
’s are executed, the stack will be filled with the
address previously stored in level 2. Note that the
W Register will be loaded with the literal value specified
in the instruction. This is particularly useful for the
implementation of data look-up tables within the pro-
gram memory.
For the RETLW instruction, the PC is loaded with the
Top of Stack (TOS) contents. All of the devices covered
in this data sheet have a two-level stack. The stack has
the same bit width as the device PC, therefore, paging
is not an issue when returning from a subroutine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com