Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 16Page - Microchip Technology PIC16C57C Datasheet HTML 17Page - Microchip Technology PIC16C57C Datasheet HTML 18Page - Microchip Technology PIC16C57C Datasheet HTML 19Page - Microchip Technology PIC16C57C Datasheet HTML 20Page - Microchip Technology PIC16C57C Datasheet HTML 21Page - Microchip Technology PIC16C57C Datasheet HTML 22Page - Microchip Technology PIC16C57C Datasheet HTML 23Page - Microchip Technology PIC16C57C Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
PIC16C5X
DS30453E-page 20
Preliminary
 1997-2013 Microchip Technology Inc.
TABLE 5-3:
RESET CONDITIONS FOR ALL REGISTERS
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
Register
Address
Power-On Reset
MCLR or WDT Reset
WN/A
xxxx xxxx
uuuu uuuu
TRIS
N/A
1111 1111
1111 1111
OPTION
N/A
--11 1111
--11 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000q quuu
FSR(1)
04h
1xxx xxxx
1uuu uuuu
PORTA
05h
---- xxxx
---- uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
PORTC(2)
07h
xxxx xxxx
uuuu uuuu
General Purpose Register Files
07-7Fh
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown
u
= unchanged
-
= unimplemented, read as '0'
q
= see tables in Table 5-1 for possible values.
Note 1: These values are valid for PIC16C57/CR57/C58/CR58. For the PIC16C54/CR54/C55/C56/CR56, the
value on RESET is 111x xxxx and for MCLR and WDT Reset, the value is 111u uuuu.
2: General purpose register file on PIC16C54/CR54/C56/CR56/C58/CR58.
8-bit Asynch
Ripple Counter
(Device Reset
SQ
R
Q
VDD
MCLR/VPP pin
Power-Up
Detect
On-Chip
RC OSC
POR (Power-On Reset)
WDT Time-out
RESET
CHIP RESET
WDT
Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com