Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 6Page - Microchip Technology PIC16C57C Datasheet HTML 7Page - Microchip Technology PIC16C57C Datasheet HTML 8Page - Microchip Technology PIC16C57C Datasheet HTML 9Page - Microchip Technology PIC16C57C Datasheet HTML 10Page - Microchip Technology PIC16C57C Datasheet HTML 11Page - Microchip Technology PIC16C57C Datasheet HTML 12Page - Microchip Technology PIC16C57C Datasheet HTML 13Page - Microchip Technology PIC16C57C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
PIC16C5X
DS30453E-page 10
Preliminary
 1997-2013 Microchip Technology Inc.
FIGURE 3-1:
PIC16C5X SERIES BLOCK DIAGRAM
WDT TIME
OUT
8
STACK 1
STACK 2
EPROM/ROM
512 X 12 TO
2048 X 12
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
WATCHDOG
TIMER
CONFIGURATION WORD
OSCILLATOR/
TIMING &
CONTROL
GENERAL
PURPOSE
REGISTER
FILE
(SRAM)
24, 25, 72 or
73 Bytes
WDT/TMR0
PRESCALER
OPTION REG.
“OPTION”
“SLEEP”
“CODE
PROTECT”
“OSC
SELECT”
DIRECT ADDRESS
TMR0
FROM W
FROM W
“TRIS 5”
“TRIS 6”
“TRIS 7”
FSR
TRISA
PORTA
TRISB
PORTC
TRISC
PORTB
FROM W
T0CKI
PIN
9-11
9-11
12
12
8
W
4
4
4
DATA BUS
8
8
8
8
8
8
8
ALU
STATUS
FROM W
CLKOUT
8
9
6
5
5-7
OSC1 OSC2 MCLR
PC
“DISABLE”
2
RA<3:0>
RB<7:0>
RC<7:0>
(28-Pin
Devices Only)
DIRECT RAM
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com