Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 90Page - Microchip Technology PIC16C57C Datasheet HTML 91Page - Microchip Technology PIC16C57C Datasheet HTML 92Page - Microchip Technology PIC16C57C Datasheet HTML 93Page - Microchip Technology PIC16C57C Datasheet HTML 94Page - Microchip Technology PIC16C57C Datasheet HTML 95Page - Microchip Technology PIC16C57C Datasheet HTML 96Page - Microchip Technology PIC16C57C Datasheet HTML 97Page - Microchip Technology PIC16C57C Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
PIC16C5X
DS30453E-page 94
Preliminary
 1997-2013 Microchip Technology Inc.
FIGURE 14-6:
MAXIMUM IPD vs. VDD,
WATCHDOG DISABLED
FIGURE 14-7:
TYPICAL IPD vs. VDD,
WATCHDOG ENABLED
FIGURE 14-8:
MAXIMUM IPD vs. VDD,
WATCHDOG ENABLED
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5 6.0
VDD (Volts)
1
6.5
7.0
10
100
+85°C
0°C
–40°C
–55°C
+125°C
+70°C
Typical: statistical mean @ 25°C
Maximum: mean + 3s (-40°C to 125°C)
Minimum: mean – 3s (-40°C to 125°C)
20
16
12
8
4
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
2
6
10
14
18
T = 25
C
Typical: statistical mean @ 25°C
Maximum: mean + 3s (-40°C to 125°C)
Minimum: mean – 3s (-40°C to 125°C)
+70
C
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
6.5 7.0
40
60
+85
C
–40
C
–55
C
10
20
30
50
+125
C
0
C
IPD, with WDT enabled, has two components:
The leakage current, which increases with higher temper-
ature, and the operating current of the WDT logic, which
increases with lower temperature. At –40
C, the latter
dominates explaining the apparently anomalous behav-
ior.
Typical: statistical mean @ 25°C
Maximum: mean + 3s (-40°C to 125°C)
Minimum: mean – 3s (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com