Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 82Page - Microchip Technology PIC16C57C Datasheet HTML 83Page - Microchip Technology PIC16C57C Datasheet HTML 84Page - Microchip Technology PIC16C57C Datasheet HTML 85Page - Microchip Technology PIC16C57C Datasheet HTML 86Page - Microchip Technology PIC16C57C Datasheet HTML 87Page - Microchip Technology PIC16C57C Datasheet HTML 88Page - Microchip Technology PIC16C57C Datasheet HTML 89Page - Microchip Technology PIC16C57C Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
PIC16C5X
DS30453E-page 86
Preliminary
 1997-2013 Microchip Technology Inc.
13.6
Timing Diagrams and Specifications
FIGURE 13-2:
EXTERNAL CLOCK TIMING - PIC16CR54A
TABLE 13-1:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16CR54A
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0°C
 TA  +70°C for commercial
–40°C
 TA  +85°C for industrial
–40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
4.0
MHz XT OSC mode
DC
—
4.0
MHz HS OSC mode (04)
DC
—
10
MHz HS OSC mode (10)
DC
—
20
MHz HS OSC mode (20)
DC
—
200
kHz
LP OSC mode
Oscillator Frequency(1)
DC
—
4.0
MHz RC OSC mode
0.1
—
4.0
MHz XT OSC mode
4.0
—
4.0
MHz HS OSC mode (04)
4.0
—
10
MHz HS OSC mode (10)
4.0
—
20
MHz HS OSC mode (20)
5.0
—
200
kHz
LP OSC mode
*
These parameters are characterized but not tested.
†
Data in the Typical (“Typ”) column is based on characterization results at 25
C. This data is for design guid-
ance only and is not tested.
Note 1: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2: Instruction cycle period (TCY) equals four times the input oscillator time base period.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com