Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 8Page - Microchip Technology PIC16C57C Datasheet HTML 9Page - Microchip Technology PIC16C57C Datasheet HTML 10Page - Microchip Technology PIC16C57C Datasheet HTML 11Page - Microchip Technology PIC16C57C Datasheet HTML 12Page - Microchip Technology PIC16C57C Datasheet HTML 13Page - Microchip Technology PIC16C57C Datasheet HTML 14Page - Microchip Technology PIC16C57C Datasheet HTML 15Page - Microchip Technology PIC16C57C Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
PIC16C5X
DS30453E-page 12
Preliminary
 1997-2013 Microchip Technology Inc.
TABLE 3-2:
PINOUT DESCRIPTION
- PIC16C55, PIC16C57, PIC16CR57
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
SOIC
SSOP
RA0
RA1
RA2
RA3
6
7
8
9
6
7
8
9
5
6
7
8
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
Bi-directional I/O port
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
10
11
12
13
14
15
16
17
10
11
12
13
14
15
16
17
9
10
11
12
13
15
16
17
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
TTL
TTL
TTL
TTL
Bi-directional I/O port
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
18
19
20
21
22
23
24
25
18
19
20
21
22
23
24
25
18
19
20
21
22
23
24
25
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
TTL
TTL
TTL
TTL
Bi-directional I/O port
T0CKI
1
1
2
I
ST
Clock input to Timer0. Must be tied to VSS or VDD, if not in
use, to reduce current consumption.
MCLR
28
28
28
I
ST
Master clear (RESET) input. This pin is an active low
RESET to the device.
OSC1/CLKIN
27
27
27
I
ST
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
26
26
26
O
—
Oscillator crystal output. Connects to crystal or resonator
in crystal Oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT which has 1/4 the frequency of OSC1, and
denotes the instruction cycle rate.
VDD
2
2
3,4
P
—
Positive supply for logic and I/O pins.
VSS
4
4
1,14
P
—
Ground reference for logic and I/O pins.
N/C
3,5
3,5
—
—
—
Unused, do not connect.
Legend: I = input, O = output, I/O = input/output, P = power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com