Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 87Page - Microchip Technology PIC16C57C Datasheet HTML 88Page - Microchip Technology PIC16C57C Datasheet HTML 89Page - Microchip Technology PIC16C57C Datasheet HTML 90Page - Microchip Technology PIC16C57C Datasheet HTML 91Page - Microchip Technology PIC16C57C Datasheet HTML 92Page - Microchip Technology PIC16C57C Datasheet HTML 93Page - Microchip Technology PIC16C57C Datasheet HTML 94Page - Microchip Technology PIC16C57C Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 91
PIC16C5X
14.0
DEVICE CHARACTERIZATION - PIC16C54A
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and
are provided for informational purposes only. The performance characteristics listed herein are not tested or guaran-
teed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified
power supply range) and therefore outside the warranted range.
“Typical” represents the mean of the distribution at 25°C. “Maximum” or “minimum” represents (mean + 3
) or (mean
– 3
) respectively, where  is a standard deviation, over the whole temperature range.
FIGURE 14-1:
TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
TABLE 14-1:
RC OSCILLATOR FREQUENCIES
CEXT
REXT
Average
FOSC @ 5 V, 25
C
20 pF
3.3K
5 MHz
 27%
5K
3.8 MHz
 21%
10K
2.2 MHz
 21%
100K
262 kHz
 31%
100 pF
3.3K
1.6 MHz
 13%
5K
1.2 MHz
 13%
10K
684 kHz
 18%
100K
71 kHz
 25%
300 pF
3.3K
660 kHz
 10%
5.0K
484 kHz
 14%
10K
267 kHz
 15%
100K
29 kHz
 19%
The frequencies are measured on DIP packages.
The percentage variation indicated here is part-to-part variation due to normal process distribution. The variation
indicated is
3 standard deviations from the average value for VDD = 5V.
FOSC
FOSC (25
C)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
010
20
25
30
40
50
60
70
T(
C)
Frequency normalized to +25
C
VDD = 5.5V
VDD = 3.5V
REXT
10k
CEXT = 100 pF
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com