Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 42Page - Microchip Technology PIC16C57C Datasheet HTML 43Page - Microchip Technology PIC16C57C Datasheet HTML 44Page - Microchip Technology PIC16C57C Datasheet HTML 45Page - Microchip Technology PIC16C57C Datasheet HTML 46Page - Microchip Technology PIC16C57C Datasheet HTML 47Page - Microchip Technology PIC16C57C Datasheet HTML 48Page - Microchip Technology PIC16C57C Datasheet HTML 49Page - Microchip Technology PIC16C57C Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
PIC16C5X
DS30453E-page 46
Preliminary
 1997-2013 Microchip Technology Inc.
9.2
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator which does not require any external com-
ponents. This RC oscillator is separate from the RC
oscillator of the OSC1/CLKIN pin. That means that the
WDT will run even if the clock on the OSC1/CLKIN and
OSC2/CLKOUT pins have been stopped, for example,
by execution of a SLEEP instruction. During normal
operation or SLEEP, a WDT Reset or Wake-up Reset
generates a device RESET.
The TO bit (STATUS<4>) will be cleared upon a Watch-
dog Timer Reset (Section 6.3).
The WDT can be permanently disabled by program-
ming the configuration bit WDTE as a '0' (Section 9.1).
Refer to the PIC16C5X Programming Specifications
(Literature Number DS30190) to determine how to
access the configuration word.
9.2.1
WDT PERIOD
An 8-bit counter is available as a prescaler for the
Timer0 module (Section 8.2), or as a postscaler for the
Watchdog Timer (WDT), respectively. For simplicity,
this counter is being referred to as “prescaler” through-
out this data sheet. Note that the prescaler may be
used by either the Timer0 module or the WDT, but not
both. Thus, a prescaler assignment for the Timer0
module means that there is no prescaler for the WDT,
and vice-versa.
The PSA and PS<2:0> bits (OPTION<3:0>) determine
prescaler assignment and prescale ratio (Section 6.4).
The WDT has a nominal time-out period of 18 ms (with
no prescaler). If a longer time-out period is desired, a
prescaler with a division ratio of up to 1:128 can be
assigned to the WDT (under software control) by writ-
ing to the OPTION register. Thus, time-out a period of
a nominal 2.3 seconds can be realized. These periods
vary with temperature, VDD and part-to-part process
variations (see Device Characterization).
Under worst case conditions (VDD = Min., Temperature
= Max., WDT prescaler = 1:128), it may take several
seconds before a WDT time-out occurs.
9.2.2
WDT PROGRAMMING
CONSIDERATIONS
The CLRWDT instruction clears the WDT and the pres-
caler, if assigned to the WDT, and prevents it from tim-
ing out and generating a device RESET.
The SLEEP instruction RESETS the WDT and the pres-
caler, if assigned to the WDT. This gives the maximum
SLEEP time before a WDT Wake-up Reset.
FIGURE 9-1:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
OPTION
—
—
Tosc
Tose
PSA
PS2
PS1
PS0
--11 1111 --11 1111
Legend: u = unchanged, - = unimplemented, read as '0'. Shaded cells not used by Watchdog Timer.
1
0
1
0
From TMR0 Clock Source
To TMR0
WDT Enable
EPROM Bit
PSA
WDT
Time-out
PS2:PS0
PSA
MUX
8 - to - 1 MUX
M
U
X
Watchdog
Timer
Note:
T0CS, T0SE, PSA, PS2:PS0 are bits in the
OPTION register.
Prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com