Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 12Page - Microchip Technology PIC16C57C Datasheet HTML 13Page - Microchip Technology PIC16C57C Datasheet HTML 14Page - Microchip Technology PIC16C57C Datasheet HTML 15Page - Microchip Technology PIC16C57C Datasheet HTML 16Page - Microchip Technology PIC16C57C Datasheet HTML 17Page - Microchip Technology PIC16C57C Datasheet HTML 18Page - Microchip Technology PIC16C57C Datasheet HTML 19Page - Microchip Technology PIC16C57C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
PIC16C5X
DS30453E-page 16
Preliminary
 1997-2013 Microchip Technology Inc.
4.3
External Crystal Oscillator Circuit
Either a prepackaged oscillator or a simple oscillator
circuit with TTL gates can be used as an external crys-
tal oscillator circuit. Prepackaged oscillators provide a
wide operating range and better stability. A well-
designed crystal oscillator will provide good perfor-
mance with TTL gates. Two types of crystal oscillator
circuits can be used: one with parallel resonance, or
one with series resonance.
Figure 4-3 shows an implementation example of a par-
allel resonant oscillator circuit. The circuit is designed
to use the fundamental frequency of the crystal. The
74AS04 inverter performs the 180-degree phase shift
that a parallel oscillator requires. The 4.7 k
 resistor
provides the negative feedback for stability. The 10 k
potentiometers bias the 74AS04 in the linear region.
This circuit could be used for external oscillator
designs.
FIGURE 4-3:
EXAMPLE OF EXTERNAL
PARALLEL RESONANT
CRYSTAL OSCILLATOR
CIRCUIT (USING XT, HS
OR LP OSCILLATOR
MODE)
Figure 4-4 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental fre-
quency of the crystal. The inverter performs a 180-
degree phase shift in a series resonant oscillator cir-
cuit. The 330 k
 resistors provide the negative feed-
back to bias the inverters in their linear region.
FIGURE 4-4:
EXAMPLE OF EXTERNAL
SERIES RESONANT
CRYSTAL OSCILLATOR
CIRCUIT (USING XT, HS
OR LP OSCILLATOR
MODE)
20 pF
+5V
20 pF
10K
4.7K
10K
74AS04
XTAL
10K
74AS04
PIC16C5X
CLKIN
To Other
Devices
OSC2
Open
330K
74AS04
74AS04
PIC16C5X
CLKIN
To Other
Devices
XTAL
330K
74AS04
0.1
F
OSC2
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com