Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 48Page - Microchip Technology PIC16C57C Datasheet HTML 49Page - Microchip Technology PIC16C57C Datasheet HTML 50Page - Microchip Technology PIC16C57C Datasheet HTML 51Page - Microchip Technology PIC16C57C Datasheet HTML 52Page - Microchip Technology PIC16C57C Datasheet HTML 53Page - Microchip Technology PIC16C57C Datasheet HTML 54Page - Microchip Technology PIC16C57C Datasheet HTML 55Page - Microchip Technology PIC16C57C Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
PIC16C5X
DS30453E-page 52
Preliminary
 1997-2013 Microchip Technology Inc.
BSF
Bit Set f
Syntax:
[ label ] BSF
f,b
Operands:
0
 f  31
0
 b  7
Operation:
1
 (f<b>)
Status Affected:
None
Encoding:
0101
bbbf
ffff
Description:
Bit 'b' in register 'f' is set.
Words:
1
Cycles:
1
Example:
BSF
FLAG_REG,
7
Before Instruction
FLAG_REG =
0x0A
After Instruction
FLAG_REG =
0x8A
BTFSC
Bit Test f, Skip if Clear
Syntax:
[ label ] BTFSC f,b
Operands:
0
 f  31
0
 b  7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
0110
bbbf
ffff
Description:
If bit 'b' in register 'f' is 0 then the
next instruction is skipped.
If bit 'b' is 0 then the next instruc-
tion fetched during the current
instruction execution is discarded,
and a NOP is executed instead,
making this a 2-cycle instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC
= address (HERE)
After Instruction
if FLAG<1>
= 0,
PC
= address (TRUE);
if FLAG<1>
= 1,
PC
= address(FALSE)
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
 f  31
0
 b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
0111
bbbf
ffff
Description:
If bit 'b' in register 'f' is '1' then the
next instruction is skipped.
If bit 'b' is '1', then the next instruc-
tion fetched during the current
instruction execution, is discarded
and a NOP is executed instead,
making this a 2-cycle instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
BTFSS
FLAG,1
FALSE
GOTO
PROCESS_CODE
TRUE


Before Instruction
PC
=
address (HERE)
After Instruction
If FLAG<1>
=
0,
PC
=
address (FALSE);
if FLAG<1>
=
1,
PC
=
address (TRUE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com