Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 79Page - Microchip Technology PIC16C57C Datasheet HTML 80Page - Microchip Technology PIC16C57C Datasheet HTML 81Page - Microchip Technology PIC16C57C Datasheet HTML 82Page - Microchip Technology PIC16C57C Datasheet HTML 83Page - Microchip Technology PIC16C57C Datasheet HTML 84Page - Microchip Technology PIC16C57C Datasheet HTML 85Page - Microchip Technology PIC16C57C Datasheet HTML 86Page - Microchip Technology PIC16C57C Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 83
PIC16C5X
13.3
DC Characteristics: PIC16CR54A-04, 10, 20, PIC16LCR54A-04 (Commercial)
PIC16CR54A-04I, 10I, 20I, PIC16LCR54A-04I (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0°C
 TA  +70°C for commercial
–40°C
 TA  +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
D030
VIL
Input Low Voltage
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
VSS
VSS
VSS
VSS
VSS
—
—
—
—
—
0.2 VDD
0.15 VDD
0.15 VDD
0.15 VDD
0.15 VDD
V
V
V
V
V
Pin at hi-impedance
RC mode only(3)
XT, HS and LP modes
D040
VIH
Input High Voltage
I/O ports
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
2.0
0.6 VDD
0.85 VDD
0.85 VDD
0.85 VDD
0.85 VDD
—
—
—
—
—
—
VDD
VDD
VDD
VDD
VDD
VDD
V
V
V
V
V
V
VDD = 3.0V to 5.5V(4)
Full VDD range(4)
RC mode only(3)
XT, HS and LP modes
D050
VHYS
Hysteresis of Schmitt
Trigger inputs
0.15 VDD*—
—
V
D060
IIL
Input Leakage Current(1,2)
I/O ports
MCLR
MCLR
T0CKI
OSC1
–1.0
–5.0
—
–3.0
–3.0
—
—
0.5
0.5
0.5
+1.0
—
+5.0
+3.0
+3.0
A
A
A
A
A
For VDD
 5.5V:
VSS
 VPIN  VDD,
pin at hi-impedance
VPIN = VSS + 0.25V
VPIN = VDD
VSS
 VPIN  VDD
VSS
 VPIN  VDD,
XT, HS and LP modes
D080
VOL
Output Low Voltage
I/O ports
OSC2/CLKOUT
—
—
—
—
0.5
0.5
V
V
IOL = 10 mA, VDD = 6.0V
IOL = 1.9 mA, VDD = 6.0V,
RC mode only
D090
VOH
Output High Voltage(2)
I/O ports
OSC2/CLKOUT
VDD – 0.5
VDD – 0.5
—
—
—
—
V
V
IOH = –4.0 mA, VDD = 6.0V
IOH = –0.8 mA, VDD = 6.0V,
RC mode only
*
These parameters are characterized but not tested.
†
Data in the Typical (“Typ”) column is based on characterization results at 25
C. This data is for design guid-
ance only and is not tested.
Note 1: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltage.
2: Negative current is defined as coming out of the pin.
3: For the RC mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC16C5X
be driven with external clock in RC mode.
4: The user may use the better of the two specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com