Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 65Page - Microchip Technology PIC16C57C Datasheet HTML 66Page - Microchip Technology PIC16C57C Datasheet HTML 67Page - Microchip Technology PIC16C57C Datasheet HTML 68Page - Microchip Technology PIC16C57C Datasheet HTML 69Page - Microchip Technology PIC16C57C Datasheet HTML 70Page - Microchip Technology PIC16C57C Datasheet HTML 71Page - Microchip Technology PIC16C57C Datasheet HTML 72Page - Microchip Technology PIC16C57C Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 69
PIC16C5X
12.2
DC Characteristics: PIC16C54/55/56/57-RCI, XTI, 10I, HSI, LPI (Industrial)
PIC16C54/55/56/57-RCI, XTI, 10I, HSI, LPI
(Industrial)
Standard Operating Conditions (unless otherwise specified)
Operating Temperature –40°C
 TA  +85°C for industrial
Param
No.
Symbol
Characteristic/Device
Min
Typ†
Max
Units
Conditions
D001
VDD
Supply Voltage
PIC16C5X-RCI
PIC16C5X-XTI
PIC16C5X-10I
PIC16C5X-HSI
PIC16C5X-LPI
3.0
3.0
4.5
4.5
2.5
—
—
—
—
—
6.25
6.25
5.5
5.5
6.25
V
V
V
V
V
D002
VDR
RAM Data Retention Voltage(1)
—
1.5*
—
V
Device in SLEEP mode
D003
VPOR
VDD Start Voltage to ensure
Power-on Reset
—VSS
—
V
See Section 5.1 for details on
Power-on Reset
D004
SVDD
VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms
See Section 5.1 for details on
Power-on Reset
D010
IDD
Supply Current(2)
PIC16C5X-RCI(3)
PIC16C5X-XTI
PIC16C5X-10I
PIC16C5X-HSI
PIC16C5X-HSI
PIC16C5X-LPI
—
—
—
—
—
—
1.8
1.8
4.8
4.8
9.0
15
3.3
3.3
10
10
20
40
mA
mA
mA
mA
mA
A
FOSC = 4 MHz, VDD = 5.5V
FOSC = 4 MHz, VDD = 5.5V
FOSC = 10 MHz, VDD = 5.5V
FOSC = 10 MHz, VDD = 5.5V
FOSC = 20 MHz, VDD = 5.5V
FOSC = 32 kHz, VDD = 3.0V,
WDT disabled
D020
IPD
Power-down Current(2)
—
—
4.0
0.6
14
12
A
A
VDD = 3.0V, WDT enabled
VDD = 3.0V, WDT disabled
*
These parameters are characterized but not tested.
† Data in “Typ” column is based on characterization results at 25
C.This data is for design guidance only and is
not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active Operation mode are: OSC1 = external square
wave, from rail-to-rail; all I/O pins tristated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT
enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in SLEEP
mode. The power-down current in SLEEP mode does not depend on the oscillator type.
3: Does not include current through REXT. The current through the resistor can be estimated by the formula:
IR =VDD/2REXT (mA) with REXT in k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com