Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 53Page - Microchip Technology PIC16C57C Datasheet HTML 54Page - Microchip Technology PIC16C57C Datasheet HTML 55Page - Microchip Technology PIC16C57C Datasheet HTML 56Page - Microchip Technology PIC16C57C Datasheet HTML 57Page - Microchip Technology PIC16C57C Datasheet HTML 58Page - Microchip Technology PIC16C57C Datasheet HTML 59Page - Microchip Technology PIC16C57C Datasheet HTML 60Page - Microchip Technology PIC16C57C Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 57
PIC16C5X
MOVWF
Move W to f
Syntax:
[ label ]
MOVWF
f
Operands:
0
 f  31
Operation:
(W)
 (f)
Status Affected:
None
Encoding:
0000
001f
ffff
Description:
Move data from the W register to
register 'f'.
Words:
1
Cycles:
1
Example:
MOVWF
TEMP_REG
Before Instruction
TEMP_REG =
0xFF
W
=
0x4F
After Instruction
TEMP_REG =
0x4F
W
=
0x4F
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Encoding:
0000
0000
0000
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP
OPTION
Load OPTION Register
Syntax:
[ label ]
OPTION
Operands:
None
Operation:
(W)
 OPTION
Status Affected:
None
Encoding:
0000
0000
0010
Description:
The content of the W register is
loaded into the OPTION register.
Words:
1
Cycles:
1
Example
OPTION
Before Instruction
W
=
0x07
After Instruction
OPTION
=
0x07
RETLW
Return with Literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
 k  255
Operation:
k
 (W);
TOS
 PC
Status Affected:
None
Encoding:
1000
kkkk
kkkk
Description:
The W register is loaded with the
eight bit literal 'k'. The program
counter is loaded from the top of
the stack (the return address). This
is a two-cycle instruction.
Words:
1
Cycles:
2
Example:
TABLE
CALL TABLE ;W contains
;table offset
;value.
•
;W now has table
•
;value.
•
ADDWF PC
;W = offset
RETLW k1
;Begin table
RETLW k2
;
•
•
•
RETLW kn
; End of table
Before Instruction
W=
0x07
After Instruction
W
=
value of k8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com