Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 32Page - Microchip Technology PIC16C57C Datasheet HTML 33Page - Microchip Technology PIC16C57C Datasheet HTML 34Page - Microchip Technology PIC16C57C Datasheet HTML 35Page - Microchip Technology PIC16C57C Datasheet HTML 36Page - Microchip Technology PIC16C57C Datasheet HTML 37Page - Microchip Technology PIC16C57C Datasheet HTML 38Page - Microchip Technology PIC16C57C Datasheet HTML 39Page - Microchip Technology PIC16C57C Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
PIC16C5X
DS30453E-page 36
Preliminary
 1997-2013 Microchip Technology Inc.
7.6
I/O Programming Considerations
7.6.1
BI-DIRECTIONAL I/O PORTS
Some instructions operate internally as read followed
by write operations. The BCF and BSF instructions, for
example, read the entire port into the CPU, execute the
bit operation and re-write the result. Caution must be
used when these instructions are applied to a port
where one or more pins are used as input/outputs. For
example, a BSF operation on bit5 of PORTB will cause
all eight bits of PORTB to be read into the CPU, bit5 to
be set and the PORTB value to be written to the output
latches. If another bit of PORTB is used as a bi-direc-
tional I/O pin (say bit0) and it is defined as an input at
this time, the input signal present on the pin itself would
be read into the CPU and rewritten to the data latch of
this particular pin, overwriting the previous content. As
long as the pin stays in the Input mode, no problem
occurs. However, if bit0 is switched into Output mode
later on, the content of the data latch may now be
unknown.
Example 7-1 shows the effect of two sequential read-
modify-write instructions (e.g., BCF, BSF, etc.) on an
I/O port.
A pin actively outputting a high or a low should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-or”, “wired-and”).
The resulting high output currents may damage the
chip.
EXAMPLE 7-1:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN I/O
PORT
;Initial PORT Settings
; PORTB<7:4> Inputs
; PORTB<3:0> Outputs
;PORTB<7:6> have external pull-ups and are
;not connected to other circuitry
;
;
PORT latch
PORT pins
;
----------
----------
BCF
PORTB, 7
;01pp pppp
11pp pppp
BCF
PORTB, 6
;10pp pppp
11pp pppp
MOVLW H'3F'
;
TRIS
PORTB
;10pp pppp
10pp pppp
;
;Note that the user may have expected the pin
;values to be 00pp pppp. The 2nd BCF caused
;RB7 to be latched as the pin value (High).
7.6.2
SUCCESSIVE OPERATIONS ON I/O
PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle (Figure 7-
2). Therefore, care must be exercised if a write followed
by a read operation is carried out on the same I/O port.
The sequence of instructions should allow the pin volt-
age to stabilize (load dependent) before the next
instruction, which causes that file to be read into the
CPU, is executed. Otherwise, the previous state of that
pin may be read into the CPU rather than the new state.
When in doubt, it is better to separate these instruc-
tions with a NOP or another instruction not accessing
this I/O port.
FIGURE 7-2:
SUCCESSIVE I/O OPERATION
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2
Q3 Q4 Q1 Q2 Q3 Q4
Q1 Q2
Q3 Q4
Instruction
fetched
RB<7:0>
MOVWF PORTB
NOP
Port pin
sampled here
NOP
MOVF PORTB,W
Instruction
executed
MOVWF PORTB
(Write to
PORTB)
NOP
MOVF PORTB,W
This example shows a write
to PORTB followed by a read
from PORTB.
(Read
PORTB)
Port pin
written here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com