Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 52Page - Microchip Technology PIC16C57C Datasheet HTML 53Page - Microchip Technology PIC16C57C Datasheet HTML 54Page - Microchip Technology PIC16C57C Datasheet HTML 55Page - Microchip Technology PIC16C57C Datasheet HTML 56Page - Microchip Technology PIC16C57C Datasheet HTML 57Page - Microchip Technology PIC16C57C Datasheet HTML 58Page - Microchip Technology PIC16C57C Datasheet HTML 59Page - Microchip Technology PIC16C57C Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 192 page
background image
PIC16C5X
DS30453E-page 56
Preliminary
 1997-2013 Microchip Technology Inc.
IORLW
Inclusive OR literal with W
Syntax:
[ label ]
IORLW k
Operands:
0
 k  255
Operation:
(W) .OR. (k)
 (W)
Status Affected:
Z
Encoding:
1101
kkkk
kkkk
Description:
The contents of the W register are
OR’ed with the eight bit literal 'k'.
The result is placed in the W regis-
ter.
Words:
1
Cycles:
1
Example:
IORLW
0x35
Before Instruction
W=
0x9A
After Instruction
W=
0xBF
Z=
0
IORWF
Inclusive OR W with f
Syntax:
[ label ]
IORWF
f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(W).OR. (f)
 (dest)
Status Affected:
Z
Encoding:
0001
00df
ffff
Description:
Inclusive OR the W register with
register 'f'. If 'd' is 0 the result is
placed in the W register. If 'd' is 1
the result is placed back in
register 'f'.
Words:
1
Cycles:
1
Example:
IORWF
RESULT, 0
Before Instruction
RESULT
=
0x13
W
=
0x91
After Instruction
RESULT
=
0x13
W
=
0x93
Z=
0
MOVF
Move f
Syntax:
[ label ]
MOVF f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(f)
 (dest)
Status Affected:
Z
Encoding:
0010
00df
ffff
Description:
The contents of register 'f' is
moved to destination 'd'. If 'd' is 0,
destination is the W register. If 'd'
is 1, the destination is file
register 'f'. 'd' is 1 is useful to test a
file register since status flag Z is
affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR,
0
After Instruction
W
=
value in FSR register
MOVLW
Move Literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
 k  255
Operation:
k
 (W)
Status Affected:
None
Encoding:
1100
kkkk
kkkk
Description:
The eight bit literal 'k' is loaded into
the W register.
Words:
1
Cycles:
1
Example:
MOVLW
0x5A
After Instruction
W
=
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com