| Electronic Components Datasheet Search |
|
PIC16C57C Datasheet(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C57C Datasheet(HTML) 40 Page - Microchip Technology |
|
40 / 192 page ![]() PIC16C5X DS30453E-page 40 Preliminary 1997-2013 Microchip Technology Inc. 8.2 Prescaler An 8-bit counter is available as a prescaler for the Timer0 module, or as a postscaler for the Watchdog Timer (WDT), respectively (Section 9.2.1). For simplic- ity, this counter is being referred to as “prescaler” throughout this data sheet. Note that the prescaler may be used by either the Timer0 module or the WDT, but not both. Thus, a prescaler assignment for the Timer0 module means that there is no prescaler for the WDT, and vice-versa. The PSA and PS<2:0> bits (OPTION<3:0>) determine prescaler assignment and prescale ratio. When assigned to the Timer0 module, all instructions writing to the TMR0 register (e.g., CLRF 1, MOVWF 1, BSF 1,x, etc.) will clear the prescaler. When assigned to WDT, a CLRWDT instruction will clear the prescaler along with the WDT. The prescaler is nei- ther readable nor writable. On a RESET, the prescaler contains all '0's. 8.2.1 SWITCHING PRESCALER ASSIGNMENT The prescaler assignment is fully under software con- trol (i.e., it can be changed “on the fly” during program execution). To avoid an unintended device RESET, the following instruction sequence (Example 8-1) must be executed when changing the prescaler assignment from Timer0 to the WDT. EXAMPLE 8-1: CHANGING PRESCALER (TIMER0 WDT) CLRWDT ;Clear WDT CLRF TMR0 ;Clear TMR0 & Prescaler MOVLW B'00xx1111’ ;Last 3 instructions in this example OPTION ;are required only if ;desired CLRWDT ;PS<2:0> are 000 or ;001 MOVLW B'00xx1xxx’ ;Set Prescaler to OPTION ;desired WDT rate To change prescaler from the WDT to the Timer0 mod- ule, use the sequence shown in Example 8-2. This sequence must be used even if the WDT is disabled. A CLRWDT instruction should be executed before switch- ing the prescaler. EXAMPLE 8-2: CHANGING PRESCALER (WDT TIMER0) CLRWDT ;Clear WDT and ;prescaler MOVLW B'xxxx0xxx' ;Select TMR0, new ;prescale value and ;clock source OPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |