Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 56Page - Microchip Technology PIC16C57C Datasheet HTML 57Page - Microchip Technology PIC16C57C Datasheet HTML 58Page - Microchip Technology PIC16C57C Datasheet HTML 59Page - Microchip Technology PIC16C57C Datasheet HTML 60Page - Microchip Technology PIC16C57C Datasheet HTML 61Page - Microchip Technology PIC16C57C Datasheet HTML 62Page - Microchip Technology PIC16C57C Datasheet HTML 63Page - Microchip Technology PIC16C57C Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
PIC16C5X
DS30453E-page 60
Preliminary
 1997-2013 Microchip Technology Inc.
XORLW
Exclusive OR literal with W
Syntax:
[label]XORLW k
Operands:
0
k 255
Operation:
(W) .XOR. k
W)
Status Affected:
Z
Encoding:
1111
kkkk
kkkk
Description:
The contents of the W register are
XOR’ed with the eight bit literal 'k'.
The result is placed in the W regis-
ter.
Words:
1
Cycles:
1
Example:
XORLW
0xAF
Before Instruction
W=
0xB5
After Instruction
W=
0x1A
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(W) .XOR. (f)
dest)
Status Affected:
Z
Encoding:
0001
10df
ffff
Description:
Exclusive OR the contents of the
W register with register 'f'. If 'd' is 0
the result is stored in the W regis-
ter. If 'd' is 1 the result is stored
back in register 'f'.
Words:
1
Cycles:
1
Example
XORWF
REG,1
Before Instruction
REG
=
0xAF
W=
0xB5
After Instruction
REG
=
0x1A
W=
0xB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com