Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 31Page - Microchip Technology PIC16C57C Datasheet HTML 32Page - Microchip Technology PIC16C57C Datasheet HTML 33Page - Microchip Technology PIC16C57C Datasheet HTML 34Page - Microchip Technology PIC16C57C Datasheet HTML 35Page - Microchip Technology PIC16C57C Datasheet HTML 36Page - Microchip Technology PIC16C57C Datasheet HTML 37Page - Microchip Technology PIC16C57C Datasheet HTML 38Page - Microchip Technology PIC16C57C Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 35
PIC16C5X
7.0
I/O PORTS
As with any other register, the I/O Registers can be
written and read under program control. However, read
instructions (e.g., MOVF PORTB,W) always read the I/O
pins independent of the pin’s input/output modes. On
RESET, all I/O ports are defined as input (inputs are at
hi-impedance) since the I/O control registers (TRISA,
TRISB, TRISC) are all set.
7.1
PORTA
PORTA is a 4-bit I/O Register. Only the low order 4 bits
are used (RA<3:0>). Bits 7-4 are unimplemented and
read as '0's.
7.2
PORTB
PORTB is an 8-bit I/O Register (PORTB<7:0>).
7.3
PORTC
PORTC is an 8-bit I/O Register for PIC16C55,
PIC16C57 and PIC16CR57.
PORTC is a General Purpose Register for PIC16C54,
PIC16CR54, PIC16C56, PIC16CR56, PIC16C58 and
PIC16CR58.
7.4
TRIS Registers
The Output Driver Control Registers are loaded with
the contents of the W Register by executing the
TRIS f
instruction. A '1' from a TRIS Register bit puts
the corresponding output driver in a hi-impedance
(input) mode. A '0' puts the contents of the output data
latch on the selected pins, enabling the output buffer.
The TRIS Registers are “write-only” and are set (output
drivers disabled) upon RESET.
7.5
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 7-1. All ports may be used for both input and
output operation. For input operations these ports are
non-latching. Any input must be present until read by
an input instruction (e.g., MOVF PORTB, W). The out-
puts are latched and remain unchanged until the output
latch is rewritten. To use a port pin as output, the corre-
sponding direction control bit (in TRISA, TRISB,
TRISC) must be cleared (= 0). For use as an input, the
corresponding TRIS bit must be set. Any I/O pin can be
programmed individually as input or output.
FIGURE 7-1:
EQUIVALENT CIRCUIT
FOR A SINGLE I/O PIN
TABLE 7-1:
SUMMARY OF PORT REGISTERS
Note:
A read of the ports reads the pins, not the
output data latches. That is, if an output
driver on a pin is enabled and driven high,
but the external system is holding it low, a
read of the port will indicate that the pin is
low.
Note 1: I/O pins have protection diodes to VDD and VSS.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR
Port
TRIS ‘f’
Data
TRIS
RD Port
VSS
VDD
I/O
pin(1)
W
Reg
Latch
Latch
RESET
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
05h
PORTA
—
—
—
—
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, — = unimplemented, read as '0', Shaded cells = unimplemented, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com