Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 70Page - Microchip Technology PIC16C57C Datasheet HTML 71Page - Microchip Technology PIC16C57C Datasheet HTML 72Page - Microchip Technology PIC16C57C Datasheet HTML 73Page - Microchip Technology PIC16C57C Datasheet HTML 74Page - Microchip Technology PIC16C57C Datasheet HTML 75Page - Microchip Technology PIC16C57C Datasheet HTML 76Page - Microchip Technology PIC16C57C Datasheet HTML 77Page - Microchip Technology PIC16C57C Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
PIC16C5X
DS30453E-page 74
Preliminary
 1997-2013 Microchip Technology Inc.
12.7
Timing Diagrams and Specifications
FIGURE 12-2:
EXTERNAL CLOCK TIMING - PIC16C54/55/56/57
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2
TABLE 12-1:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16C54/55/56/57
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0°C
 TA  +70°C for commercial
–40°C
 TA  +85°C for industrial
–40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
1A
FOSC
External CLKIN Frequency(1)
DC
—
4.0
MHz
XT OSC mode
DC
—
10
MHz
10 MHz mode
DC
—
20
MHz
HS OSC mode (Comm/Ind)
DC
—
16
MHz
HS OSC mode (Ext)
DC
—
40
kHz
LP OSC mode
Oscillator Frequency(1)
DC
—
4.0
MHz
RC OSC mode
0.1
—
4.0
MHz
XT OSC mode
4.0
—
10
MHz
10 MHz mode
4.0
—
20
MHz
HS OSC mode (Comm/Ind)
4.0
—
16
MHz
HS OSC mode (Ext)
DC
—
40
kHz
LP OSC mode
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Note 1: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2: Instruction cycle period (TCY) equals four times the input oscillator time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com