Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C57C Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 63Page - Microchip Technology PIC16C57C Datasheet HTML 64Page - Microchip Technology PIC16C57C Datasheet HTML 65Page - Microchip Technology PIC16C57C Datasheet HTML 66Page - Microchip Technology PIC16C57C Datasheet HTML 67Page - Microchip Technology PIC16C57C Datasheet HTML 68Page - Microchip Technology PIC16C57C Datasheet HTML 69Page - Microchip Technology PIC16C57C Datasheet HTML 70Page - Microchip Technology PIC16C57C Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 67
PIC16C5X
12.0
ELECTRICAL CHARACTERISTICS - PIC16C54A
Absolute Maximum Ratings(†)
Ambient Temperature under bias ..................................................................................................... –55°C to +125°C
Storage Temperature ....................................................................................................................... –65°C to +150°C
Voltage on VDD with respect to VSS ..........................................................................................................0V to +7.5V
Voltage on MCLR with respect to VSS(1) ....................................................................................................0V to +14V
Voltage on all other pins with respect to VSS ............................................................................–0.6V to (VDD + 0.6V)
Total power dissipation(2) ............................................................................................................................... 800 mW
Max. current out of VSS pin ............................................................................................................................. 150 mA
Max. current into VDD pin ................................................................................................................................ 100 mA
Max. current into an input pin (T0CKI only).................................................................................................... ±500
A
Input clamp current, IIK (VI < 0 or VI > VDD) .................................................................................................... ±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ............................................................................................. ±20 mA
Max. output current sunk by any I/O pin ........................................................................................................... 25 mA
Max. output current sourced by any I/O pin ...................................................................................................... 20 mA
Max. output current sourced by a single I/O port (PORTA, B or C) .................................................................. 40 mA
Max. output current sunk by a single I/O port (PORTA, B or C)........................................................................ 50 mA
Note 1: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50 to 100
 should be used when applying a “low” level to the MCLR pin rather
than pulling this pin directly to VSS.
2: Power Dissipation is calculated as follows: Pdis = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOL x IOL)
† NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com