Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 171 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 171 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 167Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 168Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 169Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 170Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 171Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 172Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 173Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 174Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 199 page
background image
7.6.2.113 PCS_STATUS_2 Register (Address = 0x3902) [reset = 0x0]
PCS_STATUS_2 is shown in Table 7-136.
Return to the Summary Table.
Table 7-136. PCS_STATUS_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
RESERVED
R
5b00000
Reserved
10
pcs_receive_link_status
R
1b0
1 = PCS receive link up 0 = PCS receive link down Note - 0x3 added
in [15:12] to differentiate
1b0 = PCS receive link down
1b1 = PCS receive link up
9
hi_rfer
R
1b0
1 = PCS reporting a high BER 0 = PCS not reporting a high BER
Note - 0x3 added in [15:12] to differentiate
1b0 = PCS not reporting a high BER
1b1 = PCS reporting a high BER
8
block_lock
R
1b0
1 = PCS locked to received blocks 0 = PCS not locked to received
blocks Note - 0x3 added in [15:12] to differentiate
1b0 = PCS not locked to received blocks
1b1 = PCS locked to received blocks
7
hi_rfer_lh
R/W0C
1b0
1 = PCS has reported a high BER 0 = PCS has not reported a high
BER Note - 0x3 added in [15:12] to differentiate
1b0 = PCS has not reported a high BER
1b1 = PCS has reported a high BER
6
block_lock_ll
R/W0S
1b0
1 = PCS has block lock 0 = PCS does not have block lock Note - 0x3
added in [15:12] to differentiate
1b0 = PCS does not have block lock
1b1 = PCS has block lock
5-0
ber_count
6b000000
BER counter Note - 0x3 added in [15:12] to differentiate
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com