Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 194 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 194 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 190Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 191Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 192Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 193Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 194Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 195Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 196Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 197Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 199 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
6.1
5.9
6.1
5.9
1.0
0.8
0.05
0.00
2X 4
32X 0.5
2X 4
36X
0.5
0.3
36X
0.31
0.19
3.7 0.1
0.1 MIN
(0.2) TYP
(0.13)
(0.16)
TYP
VQFN - 1 mm max height
RHA0036A
PLASTIC QUAD FLATPACK - NO LEAD
4225089/A 06/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
9
10
18
19
27
28
36
37
SCALE 2.000
A-A 40.000
SECTION A-A
TYPICAL
A
B
C
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
194
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com